Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4539AWSC Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 22Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 23Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 24Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 25Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 26Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 27Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 28Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 29Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS4539A-01
December 2022
26
PWM Sample Rate
In DC/Mixed/Mixed-26kHz, the digital modulator need sample rate to calculate average current based on PWM input
frequency. The user must set 0x07h [7: 5] to coordinate sample rate for different PWM input frequencies. More
setting details are shown in Table 13.
Table 13. PWM Sample Rate
Address Bit
Name
Default Value
Description
R/W
07h
[7:
5]
PWM sample rate
auto detection
(B000)
B000: auto detection
B001: 0.5MHz
B010: 1MHz
B011: 2MHz
B100: 4MHz
B101: 8MHz
B110: 16MHz
B111: 16MHz
R/W
Note :
PWM Input Frequency Range PWM sample rate 07h[7:
5]
PWM frequency fixed
B000 (auto detection)
PWM ≤ 61Hz
B001 (0.5MHz)
61Hz < PWM ≤ 122Hz
B010 (1MHz)
122Hz < PWM ≤ 244Hz
B011 (2MHz)
244Hz < PWM ≤ 488Hz
B100 (4MHz)
488Hz < PWM ≤ 977Hz
B101 (8MHz)
977Hz < PWM
B110 (16MHz)
B111 (16MHz)
Soft-Start Time Control
The RT4539A intergrades a soft-start time control to prevent brightness change suddenly during power-on. The
soft-start time control can be set by the I2C interface. More setting details are shown in Table 14.
Table 14. Soft Start Time Control
Address
Bit
Name
Default Value
Description
Resolution
R/W
08h
[1: 0]
Soft-Start
Time Control
1µs
(B00)
Soft start time control
B00: 1µs
B01: 16µs
B10: 128µs
B11: 512µs
--
R/W
Soft-start time can be controlled by address 0x08h [1: 0]. There are four times to adjust range from 1µs to 512µs.
The soft-start time function is only enabled during power-on. When the Soft-start command is below B00, the
brightness time of per step will be kept at 1µs. This function can guarantee the highest of Soft-start time is 512µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com