Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT4539AWSC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4539AWSC
Description  39V High Efficiency Boost Converter with I2C Controlled 6-CH LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4539AWSC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4539AWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 14Page - Richtek Technology Corporation RT4539AWSC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
RT4539A
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS4539A-01
December 2022
www.richtek.com
11
IOUT Current vs. PWM Duty
0
20
40
60
80
100
120
0
10
20 30
40
50
60
70 80
90 100
PWM Duty (%)
ILEDx Max. = 20mA
Quiescent Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2
4
6
8
10 12 14 16 18 20 22 24
Input Voltage (V)
TA = 125°C
TA = −25°C
TA = −40°C
Shutdown Current vs. Input Current
0
1
2
3
4
5
2
4
6
8
10 12 14 16 18 20 22 24
Input Voltage (V)
EN
(3V/Div)
LX
(20V/Div)
VOUT
(20V/Div)
IOUT
(60mA/Div)
Time (10ms/Div)
Power On from EN
Time (20ms/Div)
Power Off from EN
EN
(3V/Div)
LX
(20V/Div)
VOUT
(20V/Div)
IOUT
(60mA/Div)
Current Accuracy
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
10 20
30 40
50
60 70
80 90 100
PWM Duty (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com