Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN4R2-60PL Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PSMN4R2-60PL
Description  N-channel 60 V, 3.9 mΩ logic level MOSFET in SOT78
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN4R2-60PL Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PSMN4R2-60PL Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PSMN4R2-60PL
N-channel 60 V, 3.9 mΩ logic level MOSFET in SOT78
5 February 2013
Product data sheet
1. General description
Logic level N-channel MOSFET in SOT78 using TrenchMOS technology. Product design
and manufacture has been optimized for use in battery operated power tools.
2. Features and benefits
• High efficiency due to low switching & conduction losses
• Robust construction for demanding applications
• Logic level gate
3. Applications
• Battery-powered tools
• Load switching
• Motor control
• Uninterruptible power supplies
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
60
V
ID
drain current
VGS = 10 V; Tmb = 25 °C; Fig. 1
[1]
-
-
130
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
263
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 11
-
3.17
3.9
mΩ
Dynamic characteristics
QG(tot)
total gate charge
-
151
-
nC
QGD
gate-drain charge
VGS = 10 V; ID = 25 A; VDS = 48 V;
Fig. 13; Fig. 14
-
27
-
nC
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche
energy
ID = 130 A; Vsup ≤ 60 V; RGS = 50 Ω;
VGS = 10 V; Tj(init) = 25 °C; unclamped;
Fig. 3
-
-
283
mJ
[1] Continuous current is limited by package.


Similar Part No. - PSMN4R2-60PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R2-60PL NXP-PSMN4R2-60PL Datasheet
262Kb / 13P
N-channel 60 V, 3.9 m廓 logic level MOSFET in SOT78
5 February 2013
logo
Inchange Semiconductor ...
PSMN4R2-60PL ISC-PSMN4R2-60PL Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - PSMN4R2-60PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN3R9-60PS NXP-PSMN3R9-60PS Datasheet
257Kb / 13P
N-channel 60 V, 3.9 m廓 standard level MOSFET in SOT78
1 February 2013
PSMN4R2-60PL NXP-PSMN4R2-60PL Datasheet
262Kb / 13P
N-channel 60 V, 3.9 m廓 logic level MOSFET in SOT78
5 February 2013
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
PSMN3R9-60PS PHILIPS-PSMN3R9-60PS_15 Datasheet
257Kb / 13P
N-channel 60 V, 3.9 m廓 standard level MOSFET in SOT78
1 February 2013
logo
Nexperia B.V. All right...
PSMN2R1-40PL NEXPERIA-PSMN2R1-40PL Datasheet
733Kb / 13P
N-channel 40 V, 2.2 mΩ logic level MOSFET in SOT78
1 February 2013
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
PSMN2R6-60PS NEXPERIA-PSMN2R6-60PS Datasheet
731Kb / 13P
N-channel 60 V, 2.6 mΩ standard level MOSFET in SOT78
5 February 2013
PSMN3R3-60PL NEXPERIA-PSMN3R3-60PL Datasheet
734Kb / 13P
N-channel 60 V, 3.4 mΩ logic level MOSFET in SOT78
7 February 2013
PSMN3R9-60PS NEXPERIA-PSMN3R9-60PS Datasheet
732Kb / 13P
N-channel 60 V, 3.9 mΩ standard level MOSFET in SOT
1 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com