Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMN4R2-60PL Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PSMN4R2-60PL
Description  N-channel 60 V, 3.9 mΩ logic level MOSFET in SOT78
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN4R2-60PL Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PSMN4R2-60PL Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 11Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 12Page - Nexperia B.V. All rights reserved PSMN4R2-60PL Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
Nexperia
PSMN4R2-60PL
N-channel 60 V, 3.9 mΩ logic level MOSFET in SOT78
PSMN4R2-60PL
All information provided in this document is subject to legal disclaimers.
Product data sheet
5 February 2013
10 / 13
11. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78
SC-46
3-lead TO-220AB
SOT78
08-04-23
08-06-13
Notes
1. Lead shoulder designs may vary.
2. Dimension includes excess dambar.
UNIT
A
mm
4.7
4.1
1.40
1.25
0.9
0.6
0.7
0.4
16.0
15.2
6.6
5.9
10.3
9.7
15.0
12.8
3.30
2.79
3.8
3.5
A1
DIMENSIONS (mm are the original dimensions)
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
0
5
10 mm
scale
b
b1(2)
1.6
1.0
c
D
1.3
1.0
b2(2)
D1
E
e
2.54
L
L1(1) L2
(1)
max.
3.0
p
q
3.0
2.7
Q
2.6
2.2
D
D1
q
p
L
1
2
3
L1(1)
b1(2)
(3×)
b2(2)
(2×)
e
e
b(3×)
A
E
A1
c
Q
L2(1)
mounting
base
Fig. 17. Package outline TO-220AB (SOT78)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com