Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 3Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 4Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 5Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 6Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 7Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 8Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 9Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 10Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 125 page
background image
ST7LITE0x, ST7LITESx
7/125
PIN DESCRIPTION (Cont’d)
Legend / Abbreviations for Table 1:
Type:
I = input, O = output, S = supply
In/Output level: C= CMOS 0.15VDD/0.85VDD with input trigger
CT= CMOS 0.3VDD/0.7VDD with input trigger
Output level:
HS = 20mA high sink (on N-buffer only)
Port and control configuration:
– Input:
float = floating, wpu = weak pull-up, int = interrupt 1), ana = analog
– Output:
OD = open drain, PP = push-pull
Table 1. Device Pin Description
Pin
n°
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1VSS
S
Ground
2VDD
S
Main power supply
3
RESET
I/O
CT
X
X
Top priority non maskable interrupt (active low)
4
PB0/AIN0/SS
I/O
CT
X
ei3
X
X
X
Port B0
ADC Analog Input 0 or SPI Slave
Select (active low)
Caution: No negative current in-
jection allowed on this pin. For
details, refer to section 13.2.2 on
page 83
5
PB1/AIN1/SCK
I/O
CT
X
XX
X
X
Port B1
ADC Analog Input 1 or SPI Clock
Caution: No negative current in-
jection allowed on this pin. For
details, refer to section 13.2.2 on
page 83
6
PB2/AIN2/MISO
I/O
CT
X
XX
X
X
Port B2
ADC Analog Input 2 or SPI Mas-
ter In/ Slave Out Data
7
PB3/AIN3/MOSI
I/O
CT
X
ei2
X
X
X
Port B3
ADC Analog Input 3 or SPI Mas-
ter Out / Slave In Data
8
PB4/AIN4/CLKIN
I/O
CT
X
XX
X
X
Port B4
ADC Analog Input 4 or External
clock input
9
PA7
I/O
CT
X
ei1
X
X
Port A7
10
PA6 /MCO/
ICCCLK
I/O
CT
X
X
XX
Port A6
Main Clock Output/In Circuit
Communication Clock.
Caution: During normal opera-
tion this pin must be pulled- up,
internally or externally (external
pull-up of 10k mandatory in noisy
environment). This is to avoid en-
tering ICC mode unexpectedly
during a reset. In the application,
even if the pin is configured as
output, any reset will put it back in
input pull-up
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com