Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 93Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 94Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 95Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 96Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 97Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 98Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 99Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 100Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 125 page
background image
ST7LITE0x, ST7LITESx
97/125
I/O PORT PIN CHARACTERISTICS (Cont’d)
13.8.2 Output Driving Current
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of
IIO (I/O ports and control pins) must not exceed IVDD.
3. Not tested in production, based on characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 64)
IIO=+5mA TA≤85°C
TA≥85°C
1.0
1.2
V
IIO=+2mA TA≤85°C
TA≥85°C
0.4
0.5
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
(see Figure 65)
IIO=+20mA, TA≤85°C
TA≥85°C
1.3
1.5
IIO=+8mA TA≤85°C
TA≥85°C
0.75
0.85
VOH
2)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 71)
IIO=-5mA, TA≤85°C
TA≥85°C
VDD-1.5
VDD-1.6
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
VOL
1)3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
(see Figure 63)
IIO=+2mA TA≤85°C
TA≥85°C
0.5
0.6
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
IIO=+8mA TA≤85°C
TA≥85°C
0.5
0.6
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
VOL
1)3)
Output low level voltage for a standard I/O pin
when 8 pins are sunk at same time
IIO=+2mA TA≤85°C
TA≥85°C
0.6
0.7
Output low level voltage for a high sink I/O pin
when 4 pins are sunk at same time
IIO=+8mA TA≤85°C
TA≥85°C
0.6
0.7
VOH
2)3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 68)
IIO=-2mA
TA≤85°C
TA≥85°C
VDD-0.9
VDD-1.0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com