Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 1 Page - STMicroelectronics

  ST7FLITE-SK/RAIS Datasheet HTML 1Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 2Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 3Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 4Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 5Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 6Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 7Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 8Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 125 page
background image
October 2006
1/125
Rev 5
ST7LITE0x, ST7LITESx
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE
FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
■ Memories
– 1K or 1.5K bytes single voltage Flash Pro-
gram memory with read-out protection, In-Cir-
cuit and In-Application Programming (ICP and
IAP). 10K write/erase cycles guaranteed, data
retention: 20 years at 55°C.
– 128 bytes RAM.
– 128 bytes data EEPROM with read-out pro-
tection. 300K write/erase cycles guaranteed,
data retention: 20 years at 55°C.
■ Clock, Reset and Supply Management
– 3-level low voltage supervisor (LVD) and aux-
iliary voltage detector (AVD) for safe power-
on/off procedures
– Clock sources: internal 1MHz RC 1% oscilla-
tor or external clock
– PLL x4 or x8 for 4 or 8 MHz internal clock
– Four Power Saving Modes: Halt, Active-Halt,
Wait and Slow
■ Interrupt Management
– 10 interrupt vectors plus TRAP and RESET
– 4 external interrupt lines (on 4 vectors)
■ I/O Ports
– 13 multifunctional bidirectional I/O lines
– 9 alternate function lines
– 6 high sink outputs
■ 2 Timers
– One 8-bit Lite Timer (LT) with prescaler in-
cluding: watchdog, 1 realtime base and 1 in-
put capture.
– One 12-bit Auto-reload Timer (AT) with output
compare function and PWM
■ 1 Communication Interface
– SPI synchronous serial interface
■ A/D Converter
– 8-bit resolution for 0 to VDD
– Fixed gain Op-amp for 11-bit resolution in 0 to
250 mV range (@ 5V VDD)
– 5 input channels
■ Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
■ Development Tools
– Full hardware/software development package
Device Summary
DIP16
SO16
150”
QFN20
Features
ST7SUPERLITE
ST7LITE0x
ST7LITES2
ST7LITES5
ST7LITE02
ST7LITE05
ST7LITE09
Program memory - bytes
1K
1K
1.5K
1.5K
1.5K
RAM (stack) - bytes
128 (64)
128 (64)
128 (64)
128 (64)
128 (64)
Data EEPROM - bytes
----
128
Peripherals
LT Timer w/ Wdg,
AT Timer w/ 1 PWM,
SPI
LT Timer w/ Wdg,
AT Timer w/ 1 PWM,
SPI, 8-bit ADC
LT Timer w/ Wdg,
AT Timer w/ 1 PWM,
SPI
LT Timer w/ Wdg,
AT Timer w/ 1 PWM, SPI,
8-bit ADC w/ Op-Amp
Operating Supply
2.4V to 5.5V
CPU Frequency
1MHz RC 1% + PLLx4/8MHz
Operating Temperature
-40°C to +85°C
Packages
SO16 150”, DIP16, QFN20
1


Similar Part No. - ST7FLITE-SK/RAIS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7FLITE-SK/RAIS STMICROELECTRONICS-ST7FLITE-SK/RAIS Datasheet
76Kb / 4P
Raisonance?셲 complete, low-cost starter kits for ST7
21-Jun-2006
ST7FLITE-SK/RAIS2 STMICROELECTRONICS-ST7FLITE-SK/RAIS2 Datasheet
2Mb / 124P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Nov-2007
More results

Similar Description - ST7FLITE-SK/RAIS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.4
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
Rev. 2.0
ST7LITE1 STMICROELECTRONICS-ST7LITE1 Datasheet
1Mb / 131P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
19-Nov-2004
ST7LITE2 STMICROELECTRONICS-ST7LITE2_06 Datasheet
2Mb / 133P
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
30-Aug-2004
ST7LITE0XY0 STMICROELECTRONICS-ST7LITE0XY0 Datasheet
2Mb / 124P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
Nov-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
May-2007
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
Jun-2008
ST7FLITE25F1B6 STMICROELECTRONICS-ST7FLITE25F1B6 Datasheet
1Mb / 166P
8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
25-Jun-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com