Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FLITE-SK/RAIS Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7FLITE-SK/RAIS
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7FLITE-SK/RAIS Datasheet HTML 70Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 71Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 72Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 73Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 74Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 75Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 76Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 77Page - STMicroelectronics ST7FLITE-SK/RAIS Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 125 page
background image
ST7LITE0x, ST7LITESx
74/125
8-BIT A/D CONVERTER (ADC) (Cont’d)
11.4.6 Register Description
CONTROL/STATUS REGISTER (ADCCSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = EOC Conversion Complete
This bit is set by hardware. It is cleared by soft-
ware reading the result in the DR register or writing
to the CSR register.
0: Conversion is not complete
1: Conversion can be read from the DR register
Bit 6 = SPEED ADC clock selection
This bit is set and cleared by software. It is used
together with the SLOW bit to configure the ADC
clock speed. Refer to the table in the SLOW bit de-
scription.
Bit 5 = ADON A/D Converter and Amplifier On
This bit is set and cleared by software.
0: A/D converter and amplifier are switched off
1: A/D converter and amplifier are switched on
Note: Amplifier not available on ST7LITES5
devices
Bits 4:3 = Reserved. must always be cleared.
Bits 2:0 = CH[2:0] Channel Selection
These bits are set and cleared by software. They
select the analog input to convert.
Notes:
1. The number of pins AND the channel selection
varies according to the device. Refer to the device
pinout.
2. A write to the ADCCSR register (with ADON set)
aborts the current conversion, resets the EOC bit
and starts a new conversion.
DATA REGISTER (ADCDR)
Read Only
Reset Value: 0000 0000 (00h)
Bits 7:0 = D[7:0] Analog Converted Value
This register contains the converted analog value
in the range 00h to FFh.
Note: Reading this register reset the EOC flag.
AMPLIFIER CONTROL REGISTER (ADCAMP)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:4 = Reserved. Forced by hardware to 0.
Bit 3 = SLOW Slow mode
This bit is set and cleared by software. It is used
together with the SPEED bit to configure the ADC
clock speed as shown on the table below.
Bit 2 = AMPSEL Amplifier Selection Bit
This bit is set and cleared by software. For
ST7LITES5 devices, this bit must be kept at its re-
set value (0).
0: Amplifier is not selected
1: Amplifier is selected
Note: When AMPSEL=1 it is mandatory that fADC
be less than or equal to 2 MHz.
Bits 1:0 = Reserved. Forced by hardware to 0.
Note: If ADC settings are changed by writing the
ADCAMP register while the ADC is running, a
dummy conversion is needed before obtaining re-
sults with the new settings.
70
EOC
SPEED ADON
0
0
CH2
CH1
CH0
Channel Pin1
CH2
CH1
CH0
AIN0
0
0
0
AIN1
0
0
1
AIN2
0
1
0
AIN3
0
1
1
AIN4
1
0
0
70
D7
D6
D5
D4
D3
D2
D1
D0
70
0
000
SLOW
AMP-
SEL
00
fADC
SLOW SPEED
fCPU/2
00
fCPU
01
fCPU/4
1x
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com