Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128HT85ZB5E Datasheet(PDF) 7 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 3Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 4Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 5Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 6Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 7Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 8Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 9Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 10Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
M58LR128HT, M58LR128HB
List of figures
7/112
List of figures
Figure 1.
Logic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 2.
VFBGA56 package connections (top view through package) . . . . . . . . . . . . . . . . . . . . . . 10
Figure 3.
Memory map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 4.
Protection Register memory map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 5.
X-Latency and data output configuration example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 6.
Wait configuration example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Figure 7.
AC measurement I/O waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 8.
AC measurement load circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
Figure 9.
Asynchronous random access Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 10.
Asynchronous Page Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 11.
Synchronous Burst Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 12.
Single Synchronous Read AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 13.
Synchronous Burst Read Suspend AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Figure 14.
Clock input AC waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 15.
Write AC waveforms, Write Enable controlled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 16.
Write AC waveforms, Chip Enable controlled . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 69
Figure 17.
Reset and Power-up AC waveforms. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 18.
VFBGA56 7.7 × 9mm - 8×7 active ball array, 0.75mm pitch, bottom view
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
Figure 19.
Program flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Figure 20.
Blank Check flowchart and pseudocode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 94
Figure 21.
Buffer Program flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95
Figure 22.
Program Suspend & Resume flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . . . . . . 96
Figure 23.
Block Erase flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Figure 24.
Erase Suspend & Resume flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
Figure 25.
Locking Operations flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 99
Figure 26.
Protection Register Program flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . . . . . . 100
Figure 27.
Buffer Enhanced Factory Program flowchart and pseudocode . . . . . . . . . . . . . . . . . . . . 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com