Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128HT85ZB5E Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 31Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 32Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 33Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 34Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 35Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 36Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 37Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 38Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
M58LR128HT, M58LR128HB
Status Register
35/112
5.3
Erase/Blank Check Status bit (SR5)
The Erase/Blank Check Status bit is used to identify if there was an error during a Block
Erase operation. When the Erase/Blank Check Status bit is High (set to ‘1’), the
Program/Erase Controller has applied the maximum number of pulses to the block and still
failed to verify that it has erased correctly.
The Erase/Blank Check Status bit should be read once the Program/Erase Controller Status
bit is High (Program/Erase Controller inactive).
The Erase/Blank Check Status bit is also used to indicate whether an error occurred during
the Blank Check operation: if the data at one or more locations in the block where the Blank
Check command has been issued is different from FFFFh, SR5 is set to '1'.
Once set High, the Erase/Blank Check Status bit must be set Low by a Clear Status
Register command or a hardware reset before a new erase command is issued, otherwise
the new command will appear to fail.
5.4
Program Status bit (SR4)
The Program Status bit is used to identify if there was an error during a program operation.
The Program Status bit should be read once the Program/Erase Controller Status bit is High
(Program/Erase Controller inactive).
When the Program Status bit is High (set to ‘1’), the Program/Erase Controller has applied
the maximum number of pulses to the Word and still failed to verify that it has programmed
correctly.
Attempting to program a '1' to an already programmed bit while VPP = VPPH will also set the
Program Status bit High. If VPP is different from VPPH, SR4 remains Low (set to '0') and the
attempt is not shown.
Once set High, the Program Status bit must be set Low by a Clear Status Register
command or a hardware reset before a new program command is issued, otherwise the new
command will appear to fail.
5.5
VPP Status bit (SR3)
The VPP Status bit is used to identify an invalid voltage on the VPP pin during program and
erase operations. The VPP pin is only sampled at the beginning of a program or erase
operation. Program and erase operations are not guaranteed if VPP becomes invalid during
an operation
When the VPP Status bit is Low (set to ‘0’), the voltage on the VPP pin was sampled at a valid
voltage.
When the VPP Status bit is High (set to ‘1’), the VPP pin has a voltage that is below the VPP
Lockout Voltage, VPPLK, the memory is protected and program and erase operations cannot
be performed.
Once set High, the VPP Status bit must be set Low by a Clear Status Register command or
a hardware reset before a new program or erase command is issued, otherwise the new
command will appear to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com