Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128HT85ZB5E Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 43Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 44Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 45Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 46Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 47Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 48Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 49Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 50Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 112 page
background image
M58LR128HT, M58LR128HB
Read modes
47/112
7.2.1
Synchronous Burst Read Suspend
A Synchronous Burst Read operation can be suspended, freeing the data bus for other
higher priority devices. It can be suspended during the initial access latency time (before
data is output) or after the device has output data. When the Synchronous Burst Read
operation is suspended, internal array sensing continues and any previously latched internal
data is retained. A burst sequence can be suspended and resumed as often as required as
long as the operating conditions of the device are met.
A Synchronous Burst Read operation is suspended when Chip Enable, E, is Low and the
current address has been latched (on a Latch Enable rising edge or on a valid clock edge).
The Clock signal is then halted at VIH or at VIL, and Output Enable, G, goes High.
When Output Enable, G, becomes Low again and the Clock signal restarts, the
Synchronous Burst Read operation is resumed exactly where it stopped.
WAIT being gated by E, it will remain active and will not revert to high impedance when G
goes High. So if two or more devices are connected to the system’s READY signal, to
prevent bus contention the WAIT signal of the M58LR128HT/B should not be directly
connected to the system’s READY signal.
WAIT will revert to high-impedance when Chip Enable, E, goes High.
See Table 24: Synchronous Read AC characteristics, and Figure 13: Synchronous Burst
Read Suspend AC waveforms, for details.
7.3
Single Synchronous Read mode
Single Synchronous Read operations are similar to Synchronous Burst Read operations
except that the memory outputs the same data to the end of the operation.
Synchronous Single Reads are used to read the Electronic Signature, Status Register, CFI,
Block Protection Status, Configuration Register Status or Protection Register. When the
addressed bank is in Read CFI, Read Status Register or Read Electronic Signature mode,
the WAIT signal is asserted during the X-latency, the WAIT state and at the end of a 4, 8 and
16 Word burst. It is only de-asserted when output data are valid.
See Table 24: Synchronous Read AC characteristics, and Figure 11: Synchronous Burst
Read AC waveforms, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com