Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128HT85ZB5E Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 41Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 42Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 43Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 44Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 45Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 46Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 47Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 48Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
M58LR128HT, M58LR128HB
Read modes
45/112
7
Read modes
Read operations can be performed in two different ways depending on the settings in the
Configuration Register. If the clock signal is ‘don’t care’ for the data output, the read
operation is asynchronous; if the data output is synchronized with clock, the read operation
is synchronous.
The read mode and format of the data output are determined by the Configuration Register.
(See Configuration Register section for details). All banks support both asynchronous and
synchronous read operations.
7.1
Asynchronous Read mode
In Asynchronous Read operations the clock signal is ‘don’t care’. The device outputs the
data corresponding to the address latched, that is the memory array, Status Register,
Common Flash Interface or Electronic Signature depending on the command issued. CR15
in the Configuration Register must be set to ‘1’ for asynchronous operations.
Asynchronous Read operations can be performed in two different ways, Asynchronous
Random Access Read and Asynchronous Page Read. Only Asynchronous Page Read
takes full advantage of the internal page storage so different timings are applied.
In Asynchronous Read mode a Page of data is internally read and stored in a Page Buffer.
The Page has a size of 4 Words and is addressed by address inputs A0 and A1.
The first read operation within the Page has a longer access time (tAVQV, Random access
time), subsequent reads within the same Page have much shorter access times (tAVQV1,
Page access time). If the Page changes then the normal, longer timings apply again.
The device features an Automatic Standby mode. During Asynchronous Read operations,
after a bus inactivity of 150ns, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value and the
outputs are still driven.
In Asynchronous Read mode, the WAIT signal is always deasserted.
See Table 23: Asynchronous Read AC characteristics, Figure 9: Asynchronous random
access Read AC waveforms and Figure 10: Asynchronous Page Read AC waveforms for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com