Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-WDW6TP Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95640-WDW6TP
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-WDW6TP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95640-WDW6TP Datasheet HTML 7Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 8Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 9Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 10Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 11Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 12Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 13Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 14Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
M95320, M95640, M95320-x, M95640-x
Operating features
11/44
4
Operating features
4.1
Supply voltage (VCC)
4.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 8.). In order to
secure a stable DC supply voltage, it is recommended to decouple the VCC line with a
suitable capacitor (usually of the order of 10nF to 100nF) close to the VCC/VSS package
pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
4.1.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. During this time, the Chip
Select (S) is not allowed to float but must follow the VCC voltage, therefore the S line should
be connected to VCC via a suitable pull-up resistor.
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge
sensitive as well as level sensitive: after Power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been High, prior to going Low to start the first operation.
The VCC rise time must not be faster than 1V/µs.
4.1.3
Internal device Reset
In order to prevent inadvertent Write operations during Power-up, a Power On Reset (POR)
circuit is included. At Power-up (continuous rise of VCC), the device will not respond to any
instruction until VCC has reached the Power On Reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Tables XX).
When VCC has passed the POR threshold, the device is reset and in the following state:
●
Standby Power mode
●
deselected (at next Power-up, a falling edge is required on Chip Select (S) before any
instructions can be started).
●
not in the Hold Condition
Status Register state:
●
the Write Enable Latch (WEL) is reset to 0
●
Write In Progress (WIP) is reset to 0. The SRWD, BP1 and BP0 bits of the Status
Register are in the same state as when the power was last removed (they are non-
volatile bits).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com