Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-WDW6TP Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95640-WDW6TP
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-WDW6TP Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95640-WDW6TP Datasheet HTML 28Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 29Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 30Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 31Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 32Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 33Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 34Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 35Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
DC and AC parameters
M95320, M95640, M95320-x, M95640-x
32/44
Table 20.
AC characteristics (M95320-W and M95640-W, device grade 6)
Test conditions specified in Table 11 and Table 9
Symbol
Alt.
Parameter
Current
Product
Version(1)
1.
Current product version is identified by Process Identification letter ‘V’’.
New Product
Version(2)
2.
New product version is identified by Process Identification letter ‘P’. Please contact your nearest ST sales
office for details (PCN MPG-NVM/05/1315 and PCN MPG-NVM/05/1191)
Unit
Min.
Max.
Min.
Max.
fC
fSCK Clock Frequency
D.C.
5
D.C.
10
MHz
tSLCH
tCSS1 S Active Setup Time
90
30
ns
tSHCH
tCSS2 S Not Active Setup Time
90
30
ns
tSHSL
tCS
S Deselect Time
100
40
ns
tCHSH
tCSH S Active Hold Time
90
30
ns
tCHSL
S Not Active Hold Time
90
30
ns
tCH
(3)
3.
tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
tCLH Clock High Time
90
42
ns
tCL
(3)
tCLL
Clock Low Time
90
40
ns
tCLCH
(4)
4.
Value guaranteed by characterization, not 100% tested in production.
tRC
Clock Rise Time
1
2
µs
tCHCL
(4)
tFC
Clock Fall Time
1
2
µs
tDVCH
tDSU Data In Setup Time
20
10
ns
tCHDX
tDH
Data In Hold Time
30
10
ns
tHHCH
Clock Low Hold Time after HOLD not Active
70
30
ns
tHLCH
Clock Low Hold Time after HOLD Active
40
30
ns
tCLHL
Clock Low Set-up Time before HOLD Active
0
0
ns
tCLHH
Clock Low Set-up Time before HOLD not
Active
00
ns
tSHQZ
(4)
tDIS
Output Disable Time
100
40
ns
tCLQV
tV
Clock Low to Output Valid
60
40
ns
tCLQX
tHO
Output Hold Time
0
0
ns
tQLQH
(4)
tRO
Output Rise Time
50
40
ns
tQHQL
(4)
tFO
Output Fall Time
50
40
ns
tHHQV
tLZ
HOLD High to Output Valid
50
40
ns
tHLQZ
(4)
tHZ
HOLD Low to Output High-Z
100
40
ns
tW
tWC
Write Time
5
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com