Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-WDW6TP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M95640-WDW6TP
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-WDW6TP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M95640-WDW6TP Datasheet HTML 14Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 15Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 16Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 17Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 18Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 19Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 20Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 21Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Instructions
M95320, M95640, M95320-x, M95640-x
18/44
Figure 9.
Read Status Register (RDSR) sequence
6.4
Write Status Register (WRSR)
The Write Status Register (WRSR) instruction allows new values to be written to the Status
Register. Before it can be accepted, a Write Enable (WREN) instruction must previously
have been executed. After the Write Enable (WREN) instruction has been decoded and
executed, the device sets the Write Enable Latch (WEL).
The Write Status Register (WRSR) instruction is entered by driving Chip Select (S) Low,
followed by the instruction code and the data byte on Serial Data Input (D).
The instruction sequence is shown in Figure 10.
The Write Status Register (WRSR) instruction has no effect on b6, b5, b4, b1 and b0 of the
Status Register. b6, b5 and b4 are always read as 0.
Chip Select (S) must be driven High after the rising edge of Serial Clock (C) that latches in
the eighth bit of the data byte, and before the next rising edge of Serial Clock (C). Otherwise,
the Write Status Register (WRSR) instruction is not executed. As soon as Chip Select (S) is
driven High, the self-timed Write Status Register cycle (whose duration is tW) is initiated.
While the Write Status Register cycle is in progress, the Status Register may still be read to
check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed Write Status Register cycle, and is 0 when it is completed. When the
cycle is completed, the Write Enable Latch (WEL) is reset.
The Write Status Register (WRSR) instruction allows the user to change the values of the
Block Protect (BP1, BP0) bits, to define the size of the area that is to be treated as read-
only, as defined in Table 4.
The Write Status Register (WRSR) instruction also allows the user to set or reset the Status
Register Write Disable (SRWD) bit in accordance with the Write Protect (W) signal. The
Status Register Write Disable (SRWD) bit and Write Protect (W) signal allow the device to
be put in the Hardware Protected Mode (HPM). The Write Status Register (WRSR)
instruction is not executed once the Hardware Protected Mode (HPM) is entered.
The contents of the Status Register Write Disable (SRWD) and Block Protect (BP1, BP0)
bits are frozen at their current values from just before the start of the execution of Write
Status Register (WRSR) instruction. The new, updated, values take effect at the moment of
completion of the execution of Write Status Register (WRSR) instruction.
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI02031E
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com