Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-WDW6TP Datasheet(PDF) 13 Page - STMicroelectronics

Part # M95640-WDW6TP
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-WDW6TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M95640-WDW6TP Datasheet HTML 9Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 10Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 11Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 12Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 13Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 14Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 15Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 16Page - STMicroelectronics M95640-WDW6TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
M95320, M95640, M95320-x, M95640-x
Operating features
13/44
4.3
Status Register
Figure 6 shows the position of the Status Register in the control logic of the device. The
Status Register contains a number of status and control bits that can be read or set (as
appropriate) by specific instructions. See Section 6.3: Read Status Register (RDSR) for a
detailed description of the Status Register bits.
4.4
Data protection and protocol control
Non-volatile memory devices can be used in environments that are particularly noisy, and
within applications that could experience problems if memory bytes are corrupted.
Consequently, the device features the following data protection mechanisms:
Write and Write Status Register instructions are checked that they consist of a number
of clock pulses that is a multiple of eight, before they are accepted for execution.
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state
by the following events:
–Power-up
Write Disable (WRDI) instruction completion
Write Status Register (WRSR) instruction completion
Write (WRITE) instruction completion
The Block Protect (BP1, BP0) bits allow part of the memory to be configured as read-
only. This is the Software Protected Mode (SPM).
The Write Protect (W) signal allows the Block Protect (BP1, BP0) bits to be protected.
This is the Hardware Protected Mode (HPM).
For any instruction to be accepted, and executed, Chip Select (S) must be driven High after
the rising edge of Serial Clock (C) for the last bit of the instruction, and before the next rising
edge of Serial Clock (C).
Two points need to be noted in the previous sentence:
The ‘last bit of the instruction’ can be the eighth bit of the instruction code, or the eighth
bit of a data byte, depending on the instruction (except for Read Status Register
(RDSR) and Read (READ) instructions).
The ‘next rising edge of Serial Clock (C)’ might (or might not) be the next bus
transaction for some other device on the SPI bus.
Table 2.
Write-Protected block size
Status Register Bits
Protected Block
Array Addresses Protected
BP1
BP0
M95640, M95640-W,
M95640-R, M95640-S
M95320, M95320-W,
M95320-R, M95320-S
0
0
none
none
none
0
1
Upper quarter
1800h - 1FFFh
0C00h - 0FFFh
1
0
Upper half
1000h - 1FFFh
0800h - 0FFFh
1
1
Whole memory
0000h - 1FFFh
0000h - 0FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com