Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4480 Datasheet(PDF) 16 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 16 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 12Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 13Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 14Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 15Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 16Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 17Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 18Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 19Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 20Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
16
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
falls below 105% of VREF. During OV protection,
if the input voltage reaches 40V, the MPQ4480
stops the OVP discharge function until VIN
drops to 38V.
RGND Short to Battery Protection
The MPQ4480 supports USB_GND short to
battery protection. The USB_GND should be
connected to the RGND through an N-MOSFET.
The MPQ4480 senses the current from RGND
to PGND, and the GATE pin is pulled low to
turn off the N-MOSFET when the RGND-to-
PGND current is above 12A. If RGND shorts to
battery, the buck stops switching. When the
battery short to ground is removed, the
MPQ4480 resumes normal operation.
Output Line Drop Compensation
The MPQ4480 is capable of compensating an
output voltage drop, such as high impedance
caused by a long trace, to keep a fairly constant
load-side voltage.
The MPQ4480 uses the sensed load current
through the internal ground current sensing
MOSFET to sink a current (IFB) at the FB pin
(see Figure 5).
-
+
VREF
R1
V+
GND
R2
CO
L
Gate
Drive
Error
Amp
SW
RGND
FB
VIN
PGND
IRTN
IFB
G
VDROP
RSENSE
Figure 5: Output Line Drop Compensation Circuit
Calculate the feedback current with Equation
(2):

FB
RTN
IG I
(2)
VO can be calculated with Equation (3):




1
OUT
REF
1
RTN
2
R
V1 v
R G I
R
(3)
The line drop compensation amplitude at
certain output current condition is equal to R1 *
G * IOUT. The VDROP pin can program three
gain levels, as the specification table shows.
The R1 value can also be used to adjust the
line drop compensation amplitude. For example,
at 3A output current, pull VDROP = 0 and select
40.2kΩ for R1 for the line drop compensation to
be ~73mV (typically).
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating power MOSFET driver. This floating
driver has its own UVLO protection. The
UVLO’s rising threshold is 2.2V, with a
hysteresis of 150mV. The bootstrap capacitor
voltage is regulated internally by VIN and VCC
through D1, D2, M1, C4, L1, and C2 (see
Figure 6). The BST capacitor (C4) voltage is
charged quickly by turning on M1 when the low-
side switch is turned on. The 2.5μA input to the
BST current source also charges the BST
capacitor when the low-side switch does not
turn on.
VIN
VCC
SW
VOUT
Turn on PMOS
when LS is on
L1
C2
M1
D1
2.5µA
D2
C4
BST
Figure 6: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip is enabled. The reference
block starts first, generating a stable reference
voltage and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Several events can shut down the chip: EN low,
VIN low, and thermal shutdown. In shutdown,
the signaling path is blocked to avoid any fault
triggering. Then the COMP voltage and the
internal supply rail are pulled down. The floating
driver is not subject to this shutdown command.
Thermal Shutdown (TSD)
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com