Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4480 Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 14Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 15Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 16Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 17Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 18Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 19Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 20Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 21Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
18
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 2).
The feedback resistor (R1) also sets the
feedback loop bandwidth with the internal
compensation capacitor. R2 is determined with
Equation (4):
(4)
Figure 7 shows the external resistor divider.
Figure 7: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V) R1 (kΩ)R2 (kΩ)
3.3
40.2
17.4
5
40.2
10
9
40.2
4.99
Selecting the Inductor
For most applications, use an inductor with a
DC current rating at least 25% higher than the
maximum load current. Select an inductor with
a small DC resistance for optimum efficiency.
The inductor value for most designs can be
calculated with Equation (5):
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f

 
(5)
Where ∆IL is the inductor ripple current.
Choose the inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current
can be determined with Equation (6):
2
I
I
I
L
LOAD
)
MAX
(
L
(6)
Selecting the Buck Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
the AC current while maintaining the DC input
voltage. Use low-ESR capacitors for optimal
performance. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For CLA application, a
100µF electrolytic capacitor and two 10µF
ceramic capacitors are recommended.
Since the input capacitor (C1) absorbs the input
switching current, it requires an adequate
ripple-current rating. The RMS current in the
input capacitor can be estimated with Equation
(7):
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
(7)
The worst-case condition occurs at VIN = 2VOUT,
which can be calculated with Equation (8):
2
I
I
LOAD
1
C 
(8)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum,
or ceramic. When using an electrolytic capacitor,
place two additional high-quality ceramic
capacitors as close to IN as possible. Estimate
the input voltage ripple caused by the
capacitance with Equation (9):


 


LOAD
OUT
OUT
IN
IN
SW
IN
IV
V
V1
fC1
V
V
(9)
Selecting the Buck Output Capacitor
The MPQ4480 requires an output capacitor (C2)
to maintain the DC output voltage. Estimate the
output voltage ripple with Equation (10):



 


 
 
OUT
OUT
OUT
ESR
SW
1
IN
S
VV
1
V1
R
fL
V
8 f
C2
(10)
Where L1 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com