Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ4480 Datasheet(PDF) 19 Page - MPS Industries, Inc.

Part # MPQ4480
Description  6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ4480 Datasheet(HTML) 19 Page - MPS Industries, Inc.

Back Button MPQ4480 Datasheet HTML 14Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 15Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 16Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 17Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 18Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 19Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 20Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 21Page - MPS Industries, Inc. MPQ4480 Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MPQ4480 – 36V, 6A, SYNC STEP-DOWN CONVERTER FOR AEC1-Q100 QUALIFIED
MPQ4480 Rev. 1.0
www.MonolithicPower.com
19
7/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
For
an
electrolytic
capacitor,
the
ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be estimated with Equation (11):

 


OUT
OUT
OUT
ESR
IN
SW
1
VV
∆V1
R
fL
V
(11)
For polymer capacitor designs, the ESR of
output capacitor should be less than 50mΩ.
PCB Layout Guidelines (8)
Proper PCB layout is critical for efficient
operation and thermal dissipation. For best
results, refer to Figure 8 and follow the
guidelines below:
1. Place the high-current paths (GND, IN, and
SW) very close to the device with short,
direct, and wide traces.
2. Use a large copper plane for PGND. Add
multiple vias to improve thermal dissipation.
3. Connect AGND to PGND.
4. Ensure that FB is far from SW to avoid
noise.
5. To improve EMI performance, place two
ceramic input decoupling capacitors as
close as possible to IN and PGND.
6. Place the VCC decoupling capacitor as
close as possible to VCC.
Note:
8) The recommended layout is based on the Typical Application
Circuits on page 19.
Top Layer
Middle Layer 1
Middle Layer 2
Bottom Layer
Figure 8: Recommend Layout
VIN
PGND
USB_GND
PGND
PGND
SW
VOUT
PGND
USB_GND
PGND
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com