Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9826 Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 12Page - ESS Technology,Inc ES9826 Datasheet HTML 13Page - ESS Technology,Inc ES9826 Datasheet HTML 14Page - ESS Technology,Inc ES9826 Datasheet HTML 15Page - ESS Technology,Inc ES9826 Datasheet HTML 16Page - ESS Technology,Inc ES9826 Datasheet HTML 17Page - ESS Technology,Inc ES9826 Datasheet HTML 18Page - ESS Technology,Inc ES9826 Datasheet HTML 19Page - ESS Technology,Inc ES9826 Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
16
• Register 238-237: PEAK CH1 READ (readback level)
• Register 240-239: PEAK CH2 READ (readback level)
8x FIR decimation filter
Select the decimation filter response from 8 pre-programmed filter shapes (Register 59[4:2] FILTER_SHAPE).
For more information on the filter responses, see Digital Filters section.
THD Compensation
The ES9826 has built-in THD compensation to help compensate for system second and third harmonics that may be
present on the digital output signal. The compensation is controlled through 4 individual signed 16-bit coefficients.
The following equation displays how the second and third harmonics are affected by the C2 and C3 values:
Figure 4 – THD Compensation Block Diagram
For best results, the chosen compensation coefficients should be tuned for each system/device in-situ. For reference, the
THD coefficients used on the ESS EVB are C2=0, C3=0, bypassing the THD compensation.
THD Compensation Coefficient Registers
• Registers 51-50: THD_C2_CH1, THD Compensation C2 for Channel 1
• Registers 53-52: THD_C3_CH2, THD Compensation C3 for Channel 1
• Registers 55-54: THD_C2_CH2, THD Compensation C2 for Channel 2
• Registers 57-56: THD_C3_CH2, THD Compensation C3 for Channel 2
Note: Coefficients are 16-bit signed values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com