Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9826 Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 16Page - ESS Technology,Inc ES9826 Datasheet HTML 17Page - ESS Technology,Inc ES9826 Datasheet HTML 18Page - ESS Technology,Inc ES9826 Datasheet HTML 19Page - ESS Technology,Inc ES9826 Datasheet HTML 20Page - ESS Technology,Inc ES9826 Datasheet HTML 21Page - ESS Technology,Inc ES9826 Datasheet HTML 22Page - ESS Technology,Inc ES9826 Datasheet HTML 23Page - ESS Technology,Inc ES9826 Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
20
Multiple ES9826 devices in parallel in TDM mode
In TDM modes, several ES9826 can be used in parallel to increase the number of channels. Each ES9826 can be
configured in HW or SW mode to output its data to different slots on the TDM DATA line.
Note: In hardware modes, only Left Justified TDM formats are supported. In software mode, the user can configure it to be
I2S TDM format.
Figure 10 – TDM connection of several ES9826 devices in parallel
Applicable Registers
• Register 5[1] TDM_LJ_MODE set to 1'b1.
• Register 5[2] TDM_VALID_EDGE set to 1'b1.
• Register 5[0] TDM_LENGTH: Sets the width of one data word. 1’b0: 32-bits (default), 1’b1: 16-bits.
• Register 6[4:0] TDM_CH_NUM or using Register 6[7] AUTO_CH_DETECT: Sets the # of TDM slots / frame.
• Register 7[4:0] & Register 8[4:0] TDM_SLOT_SEL_CHx: Sets the TDM slots for each device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com