Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9826 Datasheet(PDF) 47 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 47 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 43Page - ESS Technology,Inc ES9826 Datasheet HTML 44Page - ESS Technology,Inc ES9826 Datasheet HTML 45Page - ESS Technology,Inc ES9826 Datasheet HTML 46Page - ESS Technology,Inc ES9826 Datasheet HTML 47Page - ESS Technology,Inc ES9826 Datasheet HTML 48Page - ESS Technology,Inc ES9826 Datasheet HTML 49Page - ESS Technology,Inc ES9826 Datasheet HTML 50Page - ESS Technology,Inc ES9826 Datasheet HTML 51Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
47
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
Register Listings
Some reserved registers values might be asserted in default mode. This is normal and does not need to be changed.
System Registers
Register 0: SYS CONFIG
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
1'b0
1'b0
1'b1
1'b0
1'b0
1'b1
1'b0
1'b0
Bits
Mnemonic
Description
[7]
SOFT_RESET
Performs soft reset to digital core and clocked registers (0-80).
[6]
AUTO_FS_BLOCK_64FS
Disable AUTO_FS_DETECT from entering 64FS mode.
• 1'b0: 64FS mode allowed (default)
• 1'b1: 64FS mode blocked
[5]
AUTO_FS_DETECT
Automatic sample rate (FS) detection.
• 1'b0: Disabled, use the values of SELECT_ADC_NUM &
SELECT_ADC_HALF to determine FS
• 1'b1: Automatically tune the MCLK/CLK_ADC ratio
according to detected FS (default)
[4]
ENABLE_64FS_MODE
Enables 64FS mode for 768k sample rate.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[3]
ENABLE_SPDIF_ENCODE
Enables S/PDIF encoding clock.
• 1'b0: S/PDIF clock disabled (default)
• 1'b1: S/PDIF clock enabled
[2]
ENABLE_TDM_ENCODE
Enables I2S/TDM encoding clock.
• 1'b0: I2S/TDM clock disabled
• 1'b1: I2S/TDM clock enabled (default)
[1]
ENABLE_ADC
Enables ADC decimation path clock.
• 1'b0: Clock disabled (default)
• 1'b1: Clock enabled
[0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com