Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9826 Datasheet(PDF) 58 Page - ESS Technology,Inc

Part # ES9826
Description  32-bit High performance 2 Channel ADC w/PGA
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9826 Datasheet(HTML) 58 Page - ESS Technology,Inc

Back Button ES9826 Datasheet HTML 54Page - ESS Technology,Inc ES9826 Datasheet HTML 55Page - ESS Technology,Inc ES9826 Datasheet HTML 56Page - ESS Technology,Inc ES9826 Datasheet HTML 57Page - ESS Technology,Inc ES9826 Datasheet HTML 58Page - ESS Technology,Inc ES9826 Datasheet HTML 59Page - ESS Technology,Inc ES9826 Datasheet HTML 60Page - ESS Technology,Inc ES9826 Datasheet HTML 61Page - ESS Technology,Inc ES9826 Datasheet HTML 62Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
ES9826 Datasheet
VERSION 0.1.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
58
Register 31: GPIO CONTROLS 3
Bits
[7]
[6]
[5]
[4]
[3:2]
[1]
[0]
Default
1'b0
1'b0
1'b0
1'b0
2'd0
1'b0
1'b0
Bits
Mnemonic
Description
[7]
INVERT_GPIO6
• 1'b0: Non-invert (default)
• 1'b1: Invert GPIO6 output
[6]
INVERT_GPIO5
• 1'b0: Non-invert (default)
• 1'b1: Invert GPIO5 output
[5]
INVERT_GPIO4
• 1'b0: Non-invert (default)
• 1'b1: Invert GPIO4 output
[4]
INVERT_GPIO3
• 1'b0: Non-invert (default)
• 1'b1: Invert GPIO3 output
[3:2]
RESERVED
NA
[1]
GPIO6_WK_EN
• 1'b0: GPIO6 weak keeper disabled (default)
• 1'b1: GPIO6 weak keeper enabled
[0]
GPIO5_WK_EN
• 1'b0: GPIO5 weak keeper disabled (default)
• 1'b1: GPIO5 weak keeper enabled
Register 32: GPIO READ
Bits
[7:6]
[5]
[4]
[3]
[2]
[1:0]
Default
2'd0
1'b0
1'b0
1'b0
1'b0
2'd0
Bits
Mnemonic
Description
[7:6]
RESERVED
NA
[5]
GPIO6_READ
• 1'b0: GPIO6 readback disabled (default)
• 1'b1: Allows readback of GPIO6 input
[4]
GPIO5_READ
• 1'b0: GPIO5 readback disabled (default)
• 1'b1: Allows readback of GPIO5 input
[3]
GPIO4_READ
• 1'b0: GPIO4 readback disabled (default)
• 1'b1: Allows readback of GPIO4 input
[2]
GPIO3_READ
• 1'b0: GPIO3 readback disabled (default)
• 1'b1: Allows readback of GPIO3 input
[1:0]
RESERVED
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com