Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9842PRO Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 13Page - ESS Technology,Inc ES9842PRO Datasheet HTML 14Page - ESS Technology,Inc ES9842PRO Datasheet HTML 15Page - ESS Technology,Inc ES9842PRO Datasheet HTML 16Page - ESS Technology,Inc ES9842PRO Datasheet HTML 17Page - ESS Technology,Inc ES9842PRO Datasheet HTML 18Page - ESS Technology,Inc ES9842PRO Datasheet HTML 19Page - ESS Technology,Inc ES9842PRO Datasheet HTML 20Page - ESS Technology,Inc ES9842PRO Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
17
16 channel TDM:
Figure 5 - Channel cascading and data line composition in TDM cascade mode for 8ch and 16ch TDM data lines
TDM / PCM Parallel Mode
The ES9842 PRO also supports TDM / PCM in parallel mode. In this case, the chips will simply connect the output data line
together. Each chip will output data during the designated slots during a single frame of the TDM / PCM data line, then
switch to high impedance so that the next chip may output its data on to the TDM data line. To set up TDM parallel mode,
no specific registers are required.
Note: Parallel mode supports TDM and I2S (TDM_CH_NUM ≥ 1).
Figure 6 - Connection for Parallel TDM / PCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com