Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9842PRO Datasheet(PDF) 81 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 81 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 77Page - ESS Technology,Inc ES9842PRO Datasheet HTML 78Page - ESS Technology,Inc ES9842PRO Datasheet HTML 79Page - ESS Technology,Inc ES9842PRO Datasheet HTML 80Page - ESS Technology,Inc ES9842PRO Datasheet HTML 81Page - ESS Technology,Inc ES9842PRO Datasheet HTML 82Page - ESS Technology,Inc ES9842PRO Datasheet HTML 83Page - ESS Technology,Inc ES9842PRO Datasheet HTML 84Page - ESS Technology,Inc ES9842PRO Datasheet HTML 85Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
81
Register 19: DSD DATA OUTPUT MAPPING
Bits
[7:6]
[5:4]
[3:2]
[1:0]
Default
2'd3
2'd2
2'd1
2'd0
Bits
Mnemonic
Description
[7:6]
DSD_MAPPING_CH4
Re-maps Ch4 DSD data output from 1 of the 4 ADC decimation
paths.
• 2'd0: Ch4 DSD data output is from ADC decimation path Ch1
• 2'd1: Ch4 DSD data output is from ADC decimation path Ch2
• 2'd2: Ch4 DSD data output is from ADC decimation path Ch3
• 2'd3: Ch4 DSD data output is from ADC decimation path Ch4
(default)
[5:4]
DSD_MAPPING_CH3
Re-maps Ch3 DSD data output from 1 of the 4 ADC decimation
paths.
• 2'd0: Ch3 DSD data output is from ADC decimation path Ch1
• 2'd1: Ch3 DSD data output is from ADC decimation path Ch2
• 2'd2: Ch3 DSD data output is from ADC decimation path Ch3
(default)
• 2'd3: Ch3 DSD data output is from ADC decimation path Ch4
[3:2]
DSD_MAPPING_CH2
Re-maps Ch2 DSD data output from 1 of the 4 ADC decimation
paths.
• 2'd0: Ch2 DSD data output is from ADC decimation path Ch1
• 2'd1: Ch2 DSD data output is from ADC decimation path Ch2
(default)
• 2'd2: Ch2 DSD data output is from ADC decimation path Ch3
• 2'd3: Ch2 DSD data output is from ADC decimation path Ch4
[1:0]
DSD_MAPPING_CH1
Re-maps Ch1 DSD data output from 1 of the 4 ADC decimation
paths.
• 2'd0: Ch1 DSD data output is from ADC decimation path Ch1
(default)
• 2'd1: Ch1 DSD data output is from ADC decimation path Ch2
• 2'd2: Ch1 DSD data output is from ADC decimation path Ch3
• 2'd3: Ch1 DSD data output is from ADC decimation path Ch4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com