Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9842PRO Datasheet(PDF) 97 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 97 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 93Page - ESS Technology,Inc ES9842PRO Datasheet HTML 94Page - ESS Technology,Inc ES9842PRO Datasheet HTML 95Page - ESS Technology,Inc ES9842PRO Datasheet HTML 96Page - ESS Technology,Inc ES9842PRO Datasheet HTML 97Page - ESS Technology,Inc ES9842PRO Datasheet HTML 98Page - ESS Technology,Inc ES9842PRO Datasheet HTML 99Page - ESS Technology,Inc ES9842PRO Datasheet HTML 100Page - ESS Technology,Inc ES9842PRO Datasheet HTML 101Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 167 page
background image
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
ES9842 PRO Product Datasheet
97
Register 64: ADC CH1 CONFIG 2
Bits
[7:5]
[4:3]
[2]
[1]
[0]
Default
3'b000
2'b00
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[7:5]
ADC_COMP_SEL_CH1
Sets the gain of the comparator for Channel 1.
• Program to 3'b001 for optimum performance
[4:3]
ADC_SUM_SEL_CH1
Sets the bandwidth of the summing amplifier for Channel 1.
• Program to 2'b11 for optimum performance
[2]
ADC_USE_DITHER_EXT_CH1
Enable the external dither for Channel 1.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[1]
ADC_USE_DITHER_CH1
Enable the dither for Channel 1.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[0]
ADC_USE_STATE_CH1
Use state as logic output for Channel 1.
• Default value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com