Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9842PRO Datasheet(PDF) 74 Page - ESS Technology,Inc

Part # ES9842PRO
Description  32-bit High-Performance 4-Channel ADC
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9842PRO Datasheet(HTML) 74 Page - ESS Technology,Inc

Back Button ES9842PRO Datasheet HTML 70Page - ESS Technology,Inc ES9842PRO Datasheet HTML 71Page - ESS Technology,Inc ES9842PRO Datasheet HTML 72Page - ESS Technology,Inc ES9842PRO Datasheet HTML 73Page - ESS Technology,Inc ES9842PRO Datasheet HTML 74Page - ESS Technology,Inc ES9842PRO Datasheet HTML 75Page - ESS Technology,Inc ES9842PRO Datasheet HTML 76Page - ESS Technology,Inc ES9842PRO Datasheet HTML 77Page - ESS Technology,Inc ES9842PRO Datasheet HTML 78Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 167 page
background image
CONFIDENTIAL ADVANCE INFORMATION
ES9842 PRO Product Datasheet
74
VERSION 0.5
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
Register 11: TDM CONFIG2
Bits
[7]
[6]
[5]
[4:0]
Default
1'b0
1'b0
1'b0
5'd1
Bits
Mnemonic
Description
[7]
TDM_GPIO456
Allows GPIO 4,5,6 to output TDM ADC data.
• 1'b0: Disabled (default), TDM data uses GPIO3
• 1'b1: Enabled, allows TDM data on GPIO3-6
[6]
TDM_CASCADE
Enables TDM cascade mode. In TDM cascade mode, GPIO4 is used
as the cascade data input.
• 1'b0: Disabled (default)
• 1'b1: Enabled
[5]
TDM_LENGTH
Sets data length in each channel.
• 1'b0: 32 bits (default)
• 1'b1: 16 bits
[4:0]
TDM_CH_NUM
Sets number of channels in each frame.
• 5'd0: 1 channel
• 5'd1: 2 channels (default)
• 5'd31: 32 channels
Register 12: TDM SLOT CONFIG CH1
Bits
[7]
[6:5]
[4:0]
Default
1'b0
2'd0
5'd0
Bits
Mnemonic
Description
[7]
RESERVED
NA
[6:5]
TDM_LINE_SEL_CH1
Selects ADC CH1 data is presented on which TDM data line.
• 2'd0: TDM data line 1 - GPIO3 (default)
• 2'd1: TDM data line 2 - GPIO4
• 2'd2: TDM data line 3 - GPIO5
• 2'd3: TDM data line 4 - GPIO6
[4:0]
TDM_SLOT_SEL_CH1
Selects which TDM channel slot is filled by ADC CH1 data.
• 5'd0: Slot 1 (default)
• 5'd1: Slot 2
• 5'd31: Slot 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com