Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL160N4F7 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL160N4F7
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 5 Page - STMicroelectronics

  STL160N4F7 Datasheet HTML 1Page - STMicroelectronics STL160N4F7 Datasheet HTML 2Page - STMicroelectronics STL160N4F7 Datasheet HTML 3Page - STMicroelectronics STL160N4F7 Datasheet HTML 4Page - STMicroelectronics STL160N4F7 Datasheet HTML 5Page - STMicroelectronics STL160N4F7 Datasheet HTML 6Page - STMicroelectronics STL160N4F7 Datasheet HTML 7Page - STMicroelectronics STL160N4F7 Datasheet HTML 8Page - STMicroelectronics STL160N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
3
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG181215OD44A1LSOA
10 2
10 1
10 0
10 -1
10 0
10 1
ID
(A)
VDS (V)
100 µs
1 ms
tp =10 ms
Operation in this area is
limited by RDS(on)
Tj ≤ 175 °C
Tc = 25 °C
single pulse
Figure 2. Thermal impedance
GIPG181215OD44A1LZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
K
tp (s)
Figure 3. Output characteristics
GIPG181215OD44A1LOCH
100
80
60
40
20
0
0
1
2
3
4
5
ID
(A)
VDS (V)
VGS = 7, 8, 9,10 V
VGS = 6 V
VGS = 5.5 V
VGS = 5 V
Figure 4. Transfer characteristics
GIPG181215OD44A1LTCH
400
300
200
100
0
3
4
5
6
7
8
ID
(A)
VGS (V)
VDS = 5 V
Tj =175 °C
25 °C
-55 °C
Figure 5. Gate charge vs gate-source voltage
GIPD301020151351QVG
12
10
8
6
4
2
0
0
8
16
24
32
V GS
(V)
Q g (nC)
V DS = 20 V
I D = 32 A
Figure 6. Static drain-source on-resistance
GIPG181215OD44A1LRID
2.18
2.16
2.14
2.12
2.10
2.08
2.06
0
8
16
24
32
40
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
STL160N4F7
Electrical characteristics (curves)
DS11024 - Rev 3
page 5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com