Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL160N4F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL160N4F7
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL160N4F7 Datasheet HTML 1Page - STMicroelectronics STL160N4F7 Datasheet HTML 2Page - STMicroelectronics STL160N4F7 Datasheet HTML 3Page - STMicroelectronics STL160N4F7 Datasheet HTML 4Page - STMicroelectronics STL160N4F7 Datasheet HTML 5Page - STMicroelectronics STL160N4F7 Datasheet HTML 6Page - STMicroelectronics STL160N4F7 Datasheet HTML 7Page - STMicroelectronics STL160N4F7 Datasheet HTML 8Page - STMicroelectronics STL160N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AM15540v2
5
6
7
8
1
2
3
4
Top View
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
V DS
RDS(on) max
ID
STL160N4F7
40 V
2.5 mΩ
120 A
•
Among the lowest RDS(on) on the market
•
Excellent FoM (figure of merit)
•
Low Crss/Ciss ratio for EMI immunity
•
High avalanche ruggedness
Applications
•
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET F7 technology with an enhanced
trench gate structure that results in very low on-state resistance, while also reducing
internal capacitance and gate charge for faster and more efficient switching.
Product status
STL160N4F7
Product summary
Order code
STL160N4F7
Marking
160N4F7
Package
PowerFLAT 5x6
Packing
Tape and reel
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a
PowerFLAT 5x6 package
STL160N4F7
Datasheet
DS11024 - Rev 3 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL160N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
803Kb / 5P
Electronic speed controller reference design for drones
Rev 3 - November 2018
More results

Similar Description - STL160N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
STL90N6F7 STMICROELECTRONICS-STL90N6F7_V01 Datasheet
505Kb / 14P
N-channel 60 V, 4.6 mΩ typ., 90 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
24-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com