Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL160N4F7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL160N4F7
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL160N4F7 Datasheet HTML 6Page - STMicroelectronics STL160N4F7 Datasheet HTML 7Page - STMicroelectronics STL160N4F7 Datasheet HTML 8Page - STMicroelectronics STL160N4F7 Datasheet HTML 9Page - STMicroelectronics STL160N4F7 Datasheet HTML 10Page - STMicroelectronics STL160N4F7 Datasheet HTML 11Page - STMicroelectronics STL160N4F7 Datasheet HTML 12Page - STMicroelectronics STL160N4F7 Datasheet HTML 13Page - STMicroelectronics STL160N4F7 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Table 7. PowerFLAT 5x6 type C SUBCON package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0.02
b
0.35
0.40
0.45
b1
0.30
c
0.21
0.25
0.34
D
5.10
D1
4.80
4.90
5.00
D2
4.01
4.21
4.31
e
1.17
1.27
1.37
E
5.90
6.00
6.10
E1
5.70
5.75
5.80
E2
3.54
3.64
3.74
E4
0.15
0.25
0.35
E5
0.26
0.36
0.46
H
0.51
0.61
0.71
K
0.95
L
0.51
0.61
0.71
L1
0.06
0.13
0.20
L2
0.10
P
1.00
1.10
1.20
θ
8°
10°
12°
STL160N4F7
PowerFLAT 5x6 type C SUBCON package information
DS11024 - Rev 3
page 10/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com