Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL160N4F7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL160N4F7
Description  N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 3 Page - STMicroelectronics

  STL160N4F7 Datasheet HTML 1Page - STMicroelectronics STL160N4F7 Datasheet HTML 2Page - STMicroelectronics STL160N4F7 Datasheet HTML 3Page - STMicroelectronics STL160N4F7 Datasheet HTML 4Page - STMicroelectronics STL160N4F7 Datasheet HTML 5Page - STMicroelectronics STL160N4F7 Datasheet HTML 6Page - STMicroelectronics STL160N4F7 Datasheet HTML 7Page - STMicroelectronics STL160N4F7 Datasheet HTML 8Page - STMicroelectronics STL160N4F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 3. On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID= 250 μA
40
V
V
IDSS
Zero gate voltage
drain current
VGS = 0 V
VDS = 40 V
1
µA
IGSS
Gate-body leakage
current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2
4
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 16 A
2.1
2.5
mΩ
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS= 0 V
-
2300
-
pF
Coss
Output capacitance
-
786
-
pF
Crss
Reverse transfer capacitance
-
43
-
pF
Qg
Total gate charge
VDD = 20 V, ID = 32 A,
VGS = 10 V
(see Figure 13. Test circuit for gate
charge behavior)
-
29
-
nC
Qgs
Gate-source charge
-
13
-
nC
Qgd
Gate-drain charge
-
5.6
-
nC
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 16 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 12. Test circuit for resistive
load switching timesand
Figure 17. Switching time waveform)
-
14
-
ns
tr
Rise time
-
6.6
-
ns
td(off)
Turn-off delay time
-
19
-
ns
tf
Fall time
-
5.7
-
ns
STL160N4F7
Electrical characteristics
DS11024 - Rev 3
page 3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com