Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS7124-8BBCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 35Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 36Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 37Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 38Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 39Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 40Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 41Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 42Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Data Sheet
ADFS7124-8
GETTING STARTED
analog.com
Rev. 0 | 39 of 93
CONFIGURATION OVERVIEW
After power-on or reset, the ADFS7124-8 default configuration is as
follows:
Channel: Channel 0 is enabled, AIN0 is selected as the positive
input, and AIN1 is selected as the negative input. Setup 0 is
selected.
Setup: the input and reference buffers are disabled, the gain is
set to 1, and the external reference is selected.
ADC control: the ADFS7124-8 is in the low power mode, continu-
ous conversion mode and the internal oscillator is enabled and
selected as the ADC clock source.
Diagnostics: the only diagnostic enabled is the SPI_IG-
NORE_ERR function.
Note that only a few of the register setting options are shown; this
list is just an example. For full register information, see the On-Chip
Registers section.
Figure 68 shows an overview of the suggested flow for changing
the ADC configuration, divided into the following blocks:
Channel configuration (see Box A in Figure 68 )
Setup (see Box B in Figure 68 )
Diagnostics (see Box C in Figure 68 )
ADC control (see Box D in Figure 68 )
Channel Configuration
The ADFS7124-8 has 16 independent analog input channels and
eight independent setups. The user can select any of the analog in-
put pairs on any channel, as well as any of the eight setups for any
channel, giving the user full flexibility in the channel configuration.
This also allows per channel configuration when using all differential
inputs because each channel can have its own dedicated setup.
Along with the analog inputs, signals such as the power supply
or reference can also be used as inputs; they are routed to the
multiplexer internally when selected. The ADFS7124-8 allows the
user to define 16 configurations, or channels, to the ADC. This
allows diagnostics to be interleaved with conversions.
Channel Registers
Use the channel registers to select which input pins are either the
positive analog input or the negative analog input for that channel.
This register also contains a channel enable/disable bit and the
setup selection bits, which are used to select the eight available
setups to use for this channel.
When the ADFS7124-8 is operating with more than one channel
enabled, the channel sequencer cycles through the enabled chan-
nels in sequential order, from Channel 0 to Channel 15. If a channel
is disabled, it is skipped by the sequencer. Details of the channel
register for Channel 0 are shown in Table 39.
Figure 68. Suggested ADC Configuration Flow
Table 39. Channel 0 Register
Reg. Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x09
CHANNEL_0
[15:8] Enable
Setup
0
AINP[4:3]
0x8001
RW
[7:0]
AINP[2:0]
AINM[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com