Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS7124-8BBCPZ Datasheet(PDF) 50 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 50 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 46Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 47Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 48Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 49Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 50Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 51Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 52Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 53Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 93 page
background image
Data Sheet
ADFS7124-8
ADC CIRCUIT INFORMATION
analog.com
Rev. 0 | 50 of 93
In the power-down mode, all blocks are powered down, including
the LDOs. All registers lose their contents, and the digital outputs
P1 to P4 are placed in tristate. To prevent accidental entry to the
power-down mode, the ADC must first be placed into the standby
mode. If an external controller clock is being used, keep it active
until the device is placed in the power-down mode. Exiting the
power-down mode requires 64 SCLK cycles with CS = 0 and DIN =
1, that is, a serial interface reset. The ADFS7124-8 requires 2 ms
typically to power up and settle. After this time, the user can access
the on-chip registers. The power-down current is 2 µA typically.
DIGITAL INTERFACE
The programmable functions of the ADFS7124-8 are controlled
using a set of on-chip registers. Data is written to these registers
through the serial interface. Read access to the on-chip registers is
also provided by this interface. All communications with the device
must start with a write to the communications register. After power-
on or reset, the device expects a write to its communications regis-
ter. The data written to this register determines whether the next
operation is a read operation or a write operation, and determines
to which register this read or write operation occurs. Therefore,
write access to any of the other registers on the devices begins with
a write operation to the communications register, followed by a write
to the selected register. A read operation from any other register
(except when continuous read mode is selected) starts with a write
to the communications register, followed by a read operation from
the selected register.
The serial interface of the ADFS7124-8 consists of four signals:
CS, DIN, SCLK, and DOUT/RDY. The DIN line transfers data into
the on-chip registers, whereas DOUT/RDY accesses data from the
on-chip registers. SCLK is the serial clock input for the device, and
all data transfers (either on DIN or DOUT/RDY) occur with respect
to the SCLK signal. The DOUT/RDY pin also operates as a data
ready signal; the line goes low when a new data-word is available in
the output register. It is reset high when a read operation from the
data register is complete. It also goes high before the data register
updates to indicate when not to read from the device, to ensure that
a data read is not attempted while the register is being updated.
CS is used to select a device. It can decode the ADFS7124-8 in
systems where several components are connected to the serial
bus.
Figure 3 and Figure 4 show timing diagrams for interfacing to the
ADFS7124-8 with CS decoding the devices. Figure 3 shows the
timing for a read operation from the output shift register of the
ADFS7124-8. Figure 4 shows the timing for a write operation to the
input shift register. A delay is required between consecutive SPI
communications. Figure 5 shows the delay required between SPI
read/write operations. It is possible to read the same word from
the data register several times, even though the DOUT/RDY line
returns high after the first read operation. However, care must be
taken to ensure that the read operations are complete before the
next output update occurs. In the continuous read mode, the data
register can be read only once.
The serial interface can operate in the 3-wire mode by tying CS low.
In this case, the SCLK, DIN, and DOUT/RDY lines communicate
with the ADFS7124-8. The end of the conversion can be monitored
using the RDY bit in the status register. This scheme is suitable
for interfacing to microcontrollers. If CS is required as a decoding
signal, it can be generated from a port pin. For microcontroller
interfaces, it is recommended that SCLK is idle high between data
transfers.
The ADFS7124-8 can be operated with CS being used as a frame
synchronization signal. This scheme is useful for digital signal
processing (DSP) interfaces. In this case, the first bit (MSB) is
effectively clocked out by CS, because CS normally occurs after the
falling edge of SCLK in DSPs. SCLK can continue to run between
data transfers, provided the timing numbers are obeyed.
CS must be used to frame read and write operations and
the CS_EN bit in the ADC_CONTROL register must be set
when the diagnostics SPI_READ_ERR, SPI_WRITE_ERR, or
SPI_SCLK_CNT_ERR are enabled.
The serial interface can be reset by writing a series of 1s on the
DIN input. See the Reset section for more details. Reset returns
the interface to the state in which it is expecting a write to the
communications register
The ADFS7124-8 can be configured to continuously convert or
perform a single conversion (see Figure 78 through Figure 80).
Single Conversion Mode
In the single conversion mode, the ADFS7124-8 performs a single
conversion and is placed in the standby mode after the conversion
is complete. If a controller clock is present (external controller clock
or the internal oscillator is enabled), DOUT/RDY goes low to indi-
cate the completion of a conversion. When the data-word is read
from the data register, DOUT/RDY goes high. The data register can
be read several times, if required, even when DOUT/RDY is high.
Do not read the ADC_CONTROL register close to the completion of
a conversion because the mode bits are being updated by the ADC
to indicate that the ADC is in the standby mode.
If several channels are enabled, the ADC automatically sequences
through the enabled channels and performs a conversion on each
channel. When a conversion is started, DOUT/RDY goes high and
remains high until a valid conversion is available and CS is low.
As soon as the conversion is available, DOUT/RDY goes low.
The ADC then selects the next channel and begins a conversion.
Read the present conversion while the next conversion is being
performed. As soon as the next conversion is complete, the data
register is updated; therefore, there is a limited period in which
to read the conversion. When the ADC has performed a single
conversion on each of the selected channels, it returns to the
standby mode.
If the DATA_STATUS bit in the ADC_CONTROL register is set
to 1, the contents of the status register are output along with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com