Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADFS7124-8BBCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADFS7124-8BBCPZ
Description  8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADFS7124-8BBCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADFS7124-8BBCPZ Datasheet HTML 54Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 55Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 56Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 57Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 58Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 59Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 60Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 61Page - Analog Devices ADFS7124-8BBCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
Data Sheet
ADFS7124-8
DIGITAL FILTER
analog.com
Rev. 0 | 58 of 93
SINC3 /SINC4
FILTER
MODULATOR
AVERAGING
BLOCK
POST
FILTER
Figure 89. Sinc3 Filter
Sinc3 Output Data Rate and Settling Time
The output data rate (the rate at which conversions are available on
a single channel when the ADC is continuously converting) equals:
fADC = fCLK/(32 × FS[10:0])
where:
fADC is the output data rate.
fCLK is the controller clock frequency (614.4 kHz in full power mode,
153.6 kHz in mid power mode and 76.8 kHz in low power mode).
FS[10:0] is the decimal equivalent of the FS[10:0] bits in the filter
register. FS[10:0] can have a value from 1 to 2047.
The output data rate can be programmed from:
►
9.38 SPS to 19,200 SPS for full power mode
►
2.35 SPS to 4800 SPS for mid power mode
►
1.17 SPS to 2400 SPS for low power mode
The settling time for the sinc3 filter is equal to:
tSETTLE = (3 × 32 × FS[10:0] + Dead Time)/fCLK
where, Dead Time = 61 when FS[10:0] = 1 and 95 FS[10:0] >1.
Table 57 gives some examples of FS[10:0] settings and the corre-
sponding output data rates and settling times.
Table 57. Examples of Output Data Rates and the Corresponding Settling
Times for the Sinc3 Filter
Power Mode
FS[10:0]
Output Data Rate
(SPS)
Settling Time
(ms)
Full Power (fCLK =
614.4 kHz)
1920
10
300.15
384
50
60.15
320
60
50.15
Mid Power (fCLK =
153.6 kHz)
480
10
300.61
96
50
60.61
80
60
50.61
Low Power (fCLK =
76.8 kHz)
240
10
301.22
48
50
61.22
40
60
51.22
When a channel change occurs, the modulator and filter are
reset. The complete settling time is allowed to generate the first
conversion after the channel change (see Figure 90). Subsequent
conversions on this channel are available at 1/fADC.
CHANNEL A
CHANNEL
CHANNEL B
CONVERSIONS
CH A
CH B
CH A
CH B
1/fADC
DT/
fCLK
NOTES
1. DT = DEAD TIME.
Figure 90. Sinc3 Channel Change
When conversions are performed on a single channel and a step
change occurs, the ADC does not detect the change in the analog
input. Therefore, it continues to output conversions at the program-
med output data rate. However, it is at least three conversions later
before the output data accurately reflects the analog input. If the
step change occurs while the ADC is processing a conversion, the
ADC takes four conversions after the step change to generate a
fully settled result.
1/
fADC
ANALOG
INPUT
ADC
OUTPUT
FULLY
SETTLED
Figure 91. Asynchronous Step Change in the Analog Input
Sinc3 Zero Latency
Zero latency is enabled by setting the SINGLE_CYCLE bit in the
filter register to 1. With zero latency, the conversion time when
continuously converting on a single channel approximately equals
the settling time. The benefit of this mode is that a similar period
of time elapses between all conversions irrespective of whether the
conversions occur on one channel or whether several channels are
used.
When the analog input is continuously sampled on a single chan-
nel, the output data rate equals:
fADC = fCLK/(3 × 32 × FS[10:0])
where:
fADC is the output data rate.
fCLK is the controller clock frequency.
FS[10:0] is the decimal equivalent of the FS[10:0] bits in the filter
register.
When switching channels, there is an extra delay in the first conver-
sion of:
Dead Time/fCLK
where Dead Time = 61 when FS[10:0] = 1 or 95 when FS[10:0] > 1.
At low output data rates, this extra delay has little impact on the
value of the settling time. However, at high output data rates, the
delay must be considered. Table 58 summarizes the output data
rate when continuously converting on a single channel and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com