Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2218ZPV Datasheet(PDF) 1 Page - Texas Instruments

Part # TLK2218ZPV
Description  8-PORT GIGABIT ETHERNET TRANSCEIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2218ZPV Datasheet(HTML) 1 Page - Texas Instruments

  TLK2218ZPV Datasheet HTML 1Page - Texas Instruments TLK2218ZPV Datasheet HTML 2Page - Texas Instruments TLK2218ZPV Datasheet HTML 3Page - Texas Instruments TLK2218ZPV Datasheet HTML 4Page - Texas Instruments TLK2218ZPV Datasheet HTML 5Page - Texas Instruments TLK2218ZPV Datasheet HTML 6Page - Texas Instruments TLK2218ZPV Datasheet HTML 7Page - Texas Instruments TLK2218ZPV Datasheet HTML 8Page - Texas Instruments TLK2218ZPV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
TLK2218
SLLS734 – FEBRUARY 2007
8-PORT GIGABIT ETHERNET TRANSCEIVER
• Internal Series Termination on LVCMOS
Outputs to Drive 50-
Ω Lines
• Eight 1.0- to 1.3-Gigabits Per Second (Gbps)
Synchronizable Transceivers
• Source Centered Timing on Parallel Inputs
and Outputs
• Haft-Rate Operation (0.5 to 0.65 Gbps)
• Comprehensive Suite of Built-In Testability
• Low Power Consumption <1.3 W Typical at
Features (PRBS Generation and Verification,
1.25 Gbps
Serial Loopback, and Far-End Loopback)
• IEEE 802.3z Gigabit Ethernet Compliant
• IEEE 802.3 Clause 22 Management Data
• Differential VML Transmit Outputs With No
Interface (MDIO) Support
External Components Necessary. PECL
• IEEE 1149.1 JTAG Support
Compatible Levels
• Hot-Plug Protection on Serial I/O
• Programmable High-Speed Output
Preemphasis Levels
• No External Filter Components Required for
PLLs
• Selectable Parallel Interface Modes:
• Small Footprint 19×19-mm, 289-Terminal,
–
Nibble-Wide Double Data Rate (DDR)
1,0-mm Ball-Pitch BGA
Clocking Interface
• Advanced Low-Power 0.18-µm CMOS
–
Multiplexed Channel DDR Clock Interface
Technology
• Selectable Clock Tolerance Compensation
• Commercial Temperature Rating (0°C to 70°C)
• Selectable On-Chip 8b/10b IEEE 802.3z
Compliant Encoder and Decoder
• JEDEC-Compliant 1.8-V LVCMOS (Extendable
• Point-to-Point Baseband Data Transmission
to 2.5 V)
• 3.6-V Tolerant Inputs on Parallel I/O
The TLK2218 is the third generation of Gigabit Ethernet transceivers from Texas Instruments combining high
port density and ultra-low power in a small form-factor footprint. The TLK2218 provides for high-speed
full-duplex point-to-point data transmissions based on the IEEE 802.3z 1000-Mbps Ethernet specification. The
TLK2218 supports data rates from 1.0 Gbps through 1.3 Gbps in full rate mode, or 0.5 Gbps through 0.65 GbPs
in half rate mode.
The primary application of this device is to provide building blocks for developing point-to-point baseband data
transmission over controlled impedance media of 50
Ω. The transmission media can be printed circuit board
traces, copper cables or fiber-optical interface modules. The ultimate rate and distance of data transfer is
dependent upon the attenuation characteristics of the media and the noise coupling to the environment.
The TLK2218 performs the data encoding, decoding, serialization, deserialization, clock extraction and clock
tolerance compensation functions for a physical layer interface device. Each channel operates at up to 1.3Gbps
providing up to 8.32Gbps of aggregate data bandwidth over copper or optical-media interfaces.
The TLK2218 supports two selectable reduced-pin-count double-data-rate (DDR) timing interfaces, nibble mode
and multiplexed channel mode, to a protocol device.
In the nibble interface mode, the parallel interface accepts nibble-wide unencoded or 8b/10b encoded data
aligned to both the rising and falling edges of the transmit clock.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLK2218ZPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2211 TI-TLK2211 Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211RCP TI-TLK2211RCP Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211RCPG4 TI-TLK2211RCPG4 Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211RCPR TI-TLK2211RCPR Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
TLK2211RCPRG4 TI-TLK2211RCPRG4 Datasheet
551Kb / 21P
ETHERNET TRANSCEIVERS
More results

Similar Description - TLK2218ZPV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2208 TI-TLK2208 Datasheet
545Kb / 40P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI-TLK2226 Datasheet
521Kb / 49P
6 PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208A TI-TLK2208A Datasheet
537Kb / 40P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208B TI-TLK2208B Datasheet
540Kb / 40P
8-PORT GIGABIT ETHERNET TRANCSEIVER
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
8-PORT GIGABIT ETHERNET TRANSCEIVER
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
8-Port Gigabit Ethernet Switch
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
8-Port Gigabit Ethernet Switch
logo
Texas Instruments
TLK2208 TI1-TLK2208_08 Datasheet
621Kb / 42P
8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2226 TI1-TLK2226_09 Datasheet
551Kb / 52P
6 PORT GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com