| Electronic Components Datasheet Search |
|
TLK2218ZPV Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK2218ZPV Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 39 page ![]() www.ti.com TLK2218 SLLS734 – FEBRUARY 2007 TERMINAL TERMINAL MULTIPLEXED CHANNEL MODE NIBBLE INTERFACE SYNCHRONIZED AND NUMBER FUNCTION INDEPENDENT CHANNEL MODES N12 VDD Core voltage supply N13 VDDA Analog voltage supply N14 GNDA Analog ground N15 RXE– Channel E serial input– N16 RXE+ Channel E serial input + N17 GNDA Analog ground P1 RDBA8 Receive bus channel B/A bit 8, K-flag Receive bus channel B bits 8, 3, K-flag P2 RDBA9 Receive bus channel B/A bit 9 Receive bus channel B bits 9, 4 P3 RDDC7 Receive bus channel D/C bit 7 Receive bus channel D bits 7, 2 P4 RBCA Unused Channel A receive clock P5 NC No connect P6 NC No connect P7 RSVD Reserved–should be left unconnectedl P8 RSVD Reserved–should be left unconnectedl P9 BUSYEN Busy enableB P10 RSVD Reserved–should be left unconnected P11 MODE0 Mode selector terminal P12 MODE1 Mode selector terminal P13 DVAD2 MDIO Address Bit 2 P14 GNDA Analog ground P15 RXD– Channel D serial input – P16 RXD+ Channel D serial input + P17 GNDA Analog ground R1 RDDC0 Receive bus channel D/C bit 0 Receive bus channel C bits 5, 0 R2 RDDC1 Receive bus channel D/C bit 1 Receive bus channel C bits 6, 1 R3 RDDC6 Receive bus channel D/C bit 6 Receive bus channel D bits 6, 1 R4 RBCB Unused Channel B receive clock R5 RBCC Unused Channel C receive clock R6 RBCD Unused Channel D receive clock R7 RBCE Unused Channel E receive clock R8 RBCF Unused Channel F receive clock R9 RBCG Unused Channel G receive clock R10 RCLK RBCH Receive clock Receive clock R11 PLL_LOCK Transmits PLLs-locked indicator R12 DVAD0 MDIO Address Bit 0 R13 DVAD1 MDIO Address Bit 1 R14 GNDA Analog ground R15 RXC– Channel C serial input – R16 RXC+ Channel C serial input + R17 GNDA Analog ground T1 RDDC2 Receive bus channel D/C bit 2 Receive bus channel C bits 7, 2 T2 RDDC5 Receive bus channel D/C bit 5 Receive bus channel D bits 5, 0 T3 RDDC9 Receive bus channel D/C bit 9 Receive bus channel D bits 9, 4 T4 RDFE1 Receive bus channel F/E bit 1 Receive bus channel E bits 6, 1 T5 RDFE3 Receive bus channel F/E bit 3 Receive bus channel E bits 8, 3, K-flag T6 RDFE5 Receive bus channel F/E bit 5 Receive bus channel F bits 5, 0 T7 RDFE7 Receive bus channel F/E bit 7 Receive bus channel F bits 7, 2 T8 RDFE9 Receive bus channel F/E bit 9 Receive bus channel F bits 9, 4 16 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |