Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C189ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75C189ADE4
Description  QUADRUPLE LOW-POWER LINE RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C189ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN75C189ADE4 Datasheet HTML 1Page - Texas Instruments SN75C189ADE4 Datasheet HTML 2Page - Texas Instruments SN75C189ADE4 Datasheet HTML 3Page - Texas Instruments SN75C189ADE4 Datasheet HTML 4Page - Texas Instruments SN75C189ADE4 Datasheet HTML 5Page - Texas Instruments SN75C189ADE4 Datasheet HTML 6Page - Texas Instruments SN75C189ADE4 Datasheet HTML 7Page - Texas Instruments SN75C189ADE4 Datasheet HTML 8Page - Texas Instruments SN75C189ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN75C189, SN75C189A
QUADRUPLE LOW-POWER LINE RECEIVERS
SLLS041G – OCTOBER 1988 – REVISED JANUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of
TIA/EIA-232-F and ITU Recommendation
V.28
D Low Supply Current ... 420 µA Typ
D Preset On-Chip Input Noise Filter
D Built-in Input Hysteresis
D Response and Threshold Control Inputs
D Push-Pull Outputs
D Functionally Interchangeable and
Pin-to-Pin Compatible With
Texas Instruments SN75189/SN75189A and
Motorola MC1489/MC1489A
D Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages, and Standard Plastic (N)
DIP
description
The SN75C189 and SN75C189A are low-power, bipolar, quadruple line receivers that are used to interface data
terminal equipment (DTE) with data circuit-terminating equipment (DCE). These devices have been designed
to conform to TIA/EIA-232-F.
The SN75C189 has a 0.33-V typical hysteresis, compared with 0.97 V for the SN75C189A. Each receiver has
provision for adjustment of the overall input threshold levels. This is achieved by choosing external series
resistors and voltages to provide bias levels for the response-control pins. The output is in the high logic state
if the input is open circuit or shorted to ground.
These devices have an on-chip filter that rejects input pulses of less than 1-
µs duration. An external capacitor
can be connected from the control pins to ground to provide further input noise filtering for each receiver.
The SN75C189 and SN75C189A have been designed using low-power techniques in a bipolar technology. In
most applications, these receivers interface to single inputs of peripheral devices such as UARTs, ACEs, or
microprocessors. By using sampling, such peripheral devices usually are insensitive to the transition times of
the input signals. If this is not the case, or for other uses, it is recommended that the SN75C189 and SN75C189A
outputs be buffered by single Schmitt input gates or single gates of the HCMOS, ALS, or 74F logic families.
The SN75C189 and SN75C189A are characterized for operation from 0
°C to 70°C.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1 CONT
1Y
2A
2 CONT
2Y
GND
VCC
4A
4 CONT
4Y
3A
3 CONT
3Y
D, DB, OR N PACKAGE
(TOP VIEW)


Similar Part No. - SN75C189ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C189ADE4 TI-SN75C189ADE4 Datasheet
564Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189ADE4 TI-SN75C189ADE4 Datasheet
594Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
More results

Similar Description - SN75C189ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
QUADRUPLE LINE RECEIVERS
SN65LBC173 TI-SN65LBC173 Datasheet
156Kb / 10P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC175 TI-SN65LBC175 Datasheet
157Kb / 10P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN75C189 TI-SN75C189 Datasheet
150Kb / 11P
QUADRUPLE LOW-POWER LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
SN75C189 TI-SN75C189_07 Datasheet
564Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
SN75C189 TI-SN75C189_08 Datasheet
594Kb / 20P
QUADRUPLE LOW-POWER LINE RECEIVERS
MC1489 TI-MC1489_08 Datasheet
740Kb / 21P
QUADRUPLE LINE RECEIVERS
SN65LBC175DW TI1-SN65LBC175DW Datasheet
639Kb / 16P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
SN65LBC173 TI1-SN65LBC173_08 Datasheet
363Kb / 14P
QUADRUPLE LOW-POWER DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com