Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C189ADE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75C189ADE4
Description  QUADRUPLE LOW-POWER LINE RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C189ADE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75C189ADE4 Datasheet HTML 6Page - Texas Instruments SN75C189ADE4 Datasheet HTML 7Page - Texas Instruments SN75C189ADE4 Datasheet HTML 8Page - Texas Instruments SN75C189ADE4 Datasheet HTML 9Page - Texas Instruments SN75C189ADE4 Datasheet HTML 10Page - Texas Instruments SN75C189ADE4 Datasheet HTML 11Page - Texas Instruments SN75C189ADE4 Datasheet HTML 12Page - Texas Instruments SN75C189ADE4 Datasheet HTML 13Page - Texas Instruments SN75C189ADE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
SN75C189, SN75C189A
QUADRUPLE LOW-POWER LINE RECEIVERS
SLLS041G – OCTOBER 1988 – REVISED JANUARY 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
PROPAGATION DELAY TIME,
HIGH- TO LOW-LEVEL OUTPUT
vs
FREE-AIR TEMPERATURE
VCC = 4.5 V
CL = 50 pF
TA – Free-Air Temperature – °C
0
2040
6080
100
4
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
Figure 22
TRANSITION TIME,
LOW- TO HIGH-LEVEL OUTPUT
vs
FREE-AIR TEMPERATURE
VCC = 4.5 V
CL = 50 pF
TA – Free-Air Temperature – °C
0
204060
80
100
400
350
300
250
200
150
100
TRANSITION TIME,
HIGH- TO LOW-LEVEL OUTPUT
vs
FREE-AIR TEMPERATURE
VCC = 4.5 V
CL = 50 pF
TA – Free-Air Temperature – °C
0
2040
6080
100
200
180
160
140
120
100
80
60
40
Figure 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com