Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C189ADE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75C189ADE4
Description  QUADRUPLE LOW-POWER LINE RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C189ADE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN75C189ADE4 Datasheet HTML 1Page - Texas Instruments SN75C189ADE4 Datasheet HTML 2Page - Texas Instruments SN75C189ADE4 Datasheet HTML 3Page - Texas Instruments SN75C189ADE4 Datasheet HTML 4Page - Texas Instruments SN75C189ADE4 Datasheet HTML 5Page - Texas Instruments SN75C189ADE4 Datasheet HTML 6Page - Texas Instruments SN75C189ADE4 Datasheet HTML 7Page - Texas Instruments SN75C189ADE4 Datasheet HTML 8Page - Texas Instruments SN75C189ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN75C189, SN75C189A
QUADRUPLE LOW-POWER LINE RECEIVERS
SLLS041G – OCTOBER 1988 – REVISED JANUARY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
6
V
VI
Input voltage (see Note 3)
–25
25
V
IOH
High-level output current
–3.2
mA
IOL
Low-level output current
3.2
mA
Response-control current
±1
mA
TA
Operating free-air temperature
0
70
°C
NOTE 3: The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only, e.g., if –10 V is a maximum, the typical value is a more negative voltage.
electrical characteristics over recommended free-air temperature range, VCC = 5 V ±10% (unless
otherwise noted) (see Note 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT
Positive going input threshold voltage
’C189
See Figure 1
1
1.5
V
VIT+
Positive-going input threshold voltage
’C189A
See Figure 1
1.6
2.25
V
VIT
Negative going input threshold voltage
’C189
See Figure 1
0.75
1.25
V
VIT–
Negative-going input threshold voltage
’C189A
See Figure 1
0.75
1
1.25
V
Vh
Input hysteresis voltage (VIT
VIT )
’C189
See Figure 1
0.15
0.33
V
Vhys Input hysteresis voltage (VIT+ – VIT–)
’C189A
See Figure 1
0.65
0.97
V
VCC = 4.5 V to 6 V,
VI = 0.75 V,
35
VOH
High level output voltage
CC
,
IOH = –20 µA
I
,
3.5
V
VOH
High-level output voltage
VCC = 4.5 V to 6 V,
IOH = –3.2 mA
VI = 0.75 V,
2.5
V
VOL
Low level output voltage
VCC = 4.5 V to 6 V,
VI = 3 V,
04
V
VOL
Low-level output voltage
CC
,
IOL = 3.2 mA
I
,
0.4
V
IIH
High level input current
See Figure 2
VI = 25 V
3.6
8.3
mA
IIH
High-level input current
See Figure 2
VI = 3 V
0.43
1
mA
IIL
Low level input current
See Figure 2
VI = –25 V
–3.6
–8.3
mA
IIL
Low-level input current
See Figure 2
VI = –3 V
–0.43
–1
mA
IOS
Short-circuit output current
See Figure 3
–35
mA
ICC
Supply current
VI = 5 V,
See Figure 2
No load,
420
700
µA
† All typical values are at TA = 25°C.
NOTE 4: All characteristics are measured with response-control terminal open.
switching characteristics, VCC = 5 V ±10%, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
6
µs
tPHL
Propagation delay time, high- to low-level output
6
µs
tTLH
Transition time, low- to high-level output‡
RL = 5 kΩ,
CL = 50 pF,
See Figure 4
500
ns
tTHL
Transition time, high- to low-level output‡
300
ns
tw(N)
Duration of longest pulse rejected as noise§
1
6
µs
‡ Measured between 10% and 90% points of output waveform
§ The receiver ignores any positive- or negative-going pulse that is less than the minimum value of tw(N) and accepts any postive- or negative-going
pulse greater than the maximum of tw(N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com