Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C189ADE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN75C189ADE4
Description  QUADRUPLE LOW-POWER LINE RECEIVERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C189ADE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN75C189ADE4 Datasheet HTML 1Page - Texas Instruments SN75C189ADE4 Datasheet HTML 2Page - Texas Instruments SN75C189ADE4 Datasheet HTML 3Page - Texas Instruments SN75C189ADE4 Datasheet HTML 4Page - Texas Instruments SN75C189ADE4 Datasheet HTML 5Page - Texas Instruments SN75C189ADE4 Datasheet HTML 6Page - Texas Instruments SN75C189ADE4 Datasheet HTML 7Page - Texas Instruments SN75C189ADE4 Datasheet HTML 8Page - Texas Instruments SN75C189ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN75C189, SN75C189A
QUADRUPLE LOW-POWER LINE RECEIVERS
SLLS041G – OCTOBER 1988 – REVISED JANUARY 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
1A
2
1 CONT
4
2A
5
2 CONT
10
3A
9
3 CONT
13
4A
12
4 CONT
1Y
3
2Y
6
3Y
8
4Y
11
THRESHOLD
ADJUST
logic diagram (each receiver)
Response
Control
A
Y
schematic of inputs and outputs
ESD
Protection
Input
3.4 k
Ω
1.5 k
Ω
530
Ω
VCC
Output
EQUIVALENT OF EACH INPUT‡
EQUIVALENT OF EACH OUTPUT
Response
Control
ESD
Protection
‡ All resistor values shown are nominal.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)§
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–30 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.3 V to VCC+ 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
§ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to network GND.
2. The package thermal impedance is calculated in accordance with JESD 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com