Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7030B Datasheet(PDF) 103 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 103 Page - ams AG

Back Button AS7030B Datasheet HTML 99Page - ams AG AS7030B Datasheet HTML 100Page - ams AG AS7030B Datasheet HTML 101Page - ams AG AS7030B Datasheet HTML 102Page - ams AG AS7030B Datasheet HTML 103Page - ams AG AS7030B Datasheet HTML 104Page - ams AG AS7030B Datasheet HTML 105Page - ams AG AS7030B Datasheet HTML 106Page - ams AG AS7030B Datasheet HTML 107Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 102
ADC_CFGB (Address 0x89)
Figure 133:
ADC_CFGB Register
Addr: 0x89
ADC_CFGB
Bit
Bit Name
Default
Access
Bit Description
7:6
Not used
0
RW
Not used
5:3
adc_clock
0
RW
ADC clock divider:
The ADC clock is freely configurable
Setting
Periods
µs
kHz
0
2
1
1000
1
4
2
500
2
6
3
333
3
8
4
250
4
10
5
200
5
12
6
167
6
14
7
143
7
16
8
125
2
adc_calibration
0
RW
To activate the optional self calibration, this bit
must
be asserted, and an ADC “conversion” has
to be started in manual mode (man_mode=1) by
asserting seq_start.
1
ulp
0
RW
Ultra low power bit for the sequencer. If this bit is
set and sd_subs>0, it disables the LED pulses
and powers off the TIA in all sequences but the
one where the TIA is sampled.
0
adc_en
0
RW
0: Reset ADC
1: Enable ADC
Warning: In reset state the ADC clears its
calibration data. Re-calibration is necessary next
time it is enabled again.
ADC_CFGC (Address 0x8a)
Figure 134:
ADC_CFGC Register
Addr: 0x8a
ADC_CFGC
Bit
Bit Name
Default
Access
Bit Description
7:5
Not used
0
RW
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com