Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7030B Datasheet(PDF) 122 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 122 Page - ams AG

Back Button AS7030B Datasheet HTML 118Page - ams AG AS7030B Datasheet HTML 119Page - ams AG AS7030B Datasheet HTML 120Page - ams AG AS7030B Datasheet HTML 121Page - ams AG AS7030B Datasheet HTML 122Page - ams AG AS7030B Datasheet HTML 123Page - ams AG AS7030B Datasheet HTML 124Page - ams AG AS7030B Datasheet HTML 125Page - ams AG AS7030B Datasheet HTML 126Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 121
INTENAB (Address 0xa8)
Figure 167:
INTENAB Register
Addr: 0xa8
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
irq_led_supply_low_enab
0
RW
1: Enable LED supply low interrupt
6
irq_clipdetect_enab
0
RW
1: Enable clipdetect interrupt
5
irq_fifooverflow_ena
0
RW
1: Enable fifooverflow interrupt
4
irq_fifothreshold_enab
0
RW
1: Enable fifothreshold interrupt
3
irq_adc_threshold_enab
0
RW
1: Enable irq_adc_threshold as an
interrupt source
2
irq_ltf_enab
0
RW
1: Enable LTF as an interrupt source
1
irq_sequencer_enab
0
RW
1: Enable irq_sequencer as an
interrupt source
0
irq_adc_enab
0
RW
1: Enable irq_adc as an interrupt
source
Each of the STATUS register bits can cause an interrupt (register INTR) if the respective bit is
asserted in the INTENAB register
INTENAB2 (Address 0xa9)
Figure 168:
INTENAB2 Register
Addr: 0xa9
INTENAB2
Bit
Bit Name
Default
Access
Bit Description
7:3
Not used
0
RW
Not used
2
irq_ltf1_threshold_enab
0
RW
1: Enable ltf_treshold_high or
ltf_treshold_low in ltf1 as interrupt
source
1
irq_ltf0_threshold_enab
0
RW
1: Enable ltf_treshold_high or
ltf_treshold_low in ltf0 as interrupt
source
0
irq_ecg_threshold_enab
0
RW
1: Enable ecg_treshold_high or
ecg_treshold_low as interrupt source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com