Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 52Page - STMicroelectronics STM32G431C6 Datasheet HTML 53Page - STMicroelectronics STM32G431C6 Datasheet HTML 54Page - STMicroelectronics STM32G431C6 Datasheet HTML 55Page - STMicroelectronics STM32G431C6 Datasheet HTML 56Page - STMicroelectronics STM32G431C6 Datasheet HTML 57Page - STMicroelectronics STM32G431C6 Datasheet HTML 58Page - STMicroelectronics STM32G431C6 Datasheet HTML 59Page - STMicroelectronics STM32G431C6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 198 page
background image
Pinouts and pin description
STM32G431x6 STM32G431x8 STM32G431xB
56/198
DS12589 Rev 6
--
29
-
D1
38
E8
52
65
PC6
I/O
FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK, EVENTOUT
-
--
-
-
-
39
E7
53
66
PC7
I/O
FT
-
TIM3_CH2, TIM8_CH2,
I2S3_MCK, EVENTOUT
-
--
-
-
-
40
F6
54
67
PC8
I/O
FT_f
-
TIM3_CH3, TIM8_CH3,
I2C3_SCL, EVENTOUT
-
--
-
-
-
41
D8
55
68
PC9
I/O
FT_f
-
TIM3_CH4, TIM8_CH4,
I2SCKIN, TIM8_BKIN2,
I2C3_SDA, EVENTOUT
-
18
18
30
30 D2
42
E6
56
69
PA8
I/O
FT_f
-
MCO, I2C3_SCL,
I2C2_SDA, I2S2_MCK,
TIM1_CH1,
USART1_CK,
TIM4_ETR, SAI1_CK2,
SAI1_SCK_A,
EVENTOUT
-
19
19
31
31 C3
43
D7
57
70
PA9
I/O FT_fd
-
I2C3_SMBA, I2C2_SCL,
I2S3_MCK, TIM1_CH2,
USART1_TX,
TIM15_BKIN,
TIM2_CH3, SAI1_FS_A,
EVENTOUT
UCPD1_DBCC1
20
20
32
32 C2
44
D6
58
71
PA10
I/O
FT_d
a
-
TIM17_BKIN,
USB_CRS_SYNC,
I2C2_SMBA,
SPI2_MISO, TIM1_CH3,
USART1_RX,
TIM2_CH4, TIM8_BKIN,
SAI1_D1, SAI1_SD_A,
EVENTOUT
UCPD1_DBCC2
21
21
33
33 C1
45
C8
59
72
PA11
I/O
FT_u
-
SPI2_MOSI/
I2S2_SD,
TIM1_CH1N,
USART1_CTS,
COMP1_OUT,
FDCAN1_RX,
TIM4_CH1,
TIM1_CH4,
TIM1_BKIN2,
EVENTOUT
USB_DM
Table 12. STM32G431x6/x8/xB pin definition(1) (continued)
Pin Number
Pin name
(function
after reset)
Alternate function
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com