Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 73Page - STMicroelectronics STM32G431C6 Datasheet HTML 74Page - STMicroelectronics STM32G431C6 Datasheet HTML 75Page - STMicroelectronics STM32G431C6 Datasheet HTML 76Page - STMicroelectronics STM32G431C6 Datasheet HTML 77Page - STMicroelectronics STM32G431C6 Datasheet HTML 78Page - STMicroelectronics STM32G431C6 Datasheet HTML 79Page - STMicroelectronics STM32G431C6 Datasheet HTML 80Page - STMicroelectronics STM32G431C6 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 198 page
background image
IDD (LPRun)
Supply current
in Low-power
run mode
fHCLK = fHSE
all peripherals disable
2 MHz
350
525
990
1600
2650
970
2200 3900
6700
11000
μA
1 MHz
255
410
860
1500
2550
830
2100 3800
6600
11000
250 KHz
145
300
750
1400
2450
690
1900 3700
6500
11000
62.5 KHz 99.5
270
725
1350
2400
670
1800 3700
6500
11000
fHCLK = fHSI / HPRE
all peripherals disable
2 MHz
865
1050 1500
2150
3200
1600 2800 4500
7600 12000
1 MHz
820
965
1400
2050
3100
1500 2700 4400
7400 12000
250 KHz
725
875
1300
1950
3000
1400 2600 4400
7400 12000
62.5 KHz
685
860
1300
1900
2950
1300 2600 4400
7400 12000
Table 21. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch OFF) (continued)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com