Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 68Page - STMicroelectronics STM32G431C6 Datasheet HTML 69Page - STMicroelectronics STM32G431C6 Datasheet HTML 70Page - STMicroelectronics STM32G431C6 Datasheet HTML 71Page - STMicroelectronics STM32G431C6 Datasheet HTML 72Page - STMicroelectronics STM32G431C6 Datasheet HTML 73Page - STMicroelectronics STM32G431C6 Datasheet HTML 74Page - STMicroelectronics STM32G431C6 Datasheet HTML 75Page - STMicroelectronics STM32G431C6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
72/198
DS12589 Rev 6
5.3.2
Operating conditions at power-up / power-down
The parameters given in Table 18 are derived from tests performed under the ambient
temperature condition summarized in Table 17.
5.3.3
Embedded reset and power control block characteristics
The parameters given in Table 19 are derived from tests performed under the ambient
temperature conditions summarized in Table 17: General operating conditions.
Table 18. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
0
∞
µs/V
VDD fall time rate
10
∞
tVDDA
VDDA rise time rate
-
0
∞
µs/V
VDDA fall time rate
10
∞
Table 19. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
tRSTTEMPO(2)
Reset temporization after
BOR0 is detected
VDD rising
-
250
400
μs
VBOR0(2)
Brown-out reset threshold 0
Rising edge
1.62
1.66
1.7
V
Falling edge
1.6
1.64
1.69
VBOR1
Brown-out reset threshold 1
Rising edge
2.06
2.1
2.14
V
Falling edge
1.96
2
2.04
VBOR2
Brown-out reset threshold 2
Rising edge
2.26
2.31
2.35
V
Falling edge
2.16
2.20
2.24
VBOR3
Brown-out reset threshold 3
Rising edge
2.56
2.61
2.66
V
Falling edge
2.47
2.52
2.57
VBOR4
Brown-out reset threshold 4
Rising edge
2.85
2.90
2.95
V
Falling edge
2.76
2.81
2.86
VPVD0
Programmable voltage
detector threshold 0
Rising edge
2.1
2.15
2.19
V
Falling edge
2
2.05
2.1
VPVD1
PVD threshold 1
Rising edge
2.26
2.31
2.36
V
Falling edge
2.15
2.20
2.25
VPVD2
PVD threshold 2
Rising edge
2.41
2.46
2.51
V
Falling edge
2.31
2.36
2.41
VPVD3
PVD threshold 3
Rising edge
2.56
2.61
2.66
V
Falling edge
2.47
2.52
2.57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com