Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 127 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 123Page - STMicroelectronics STM32G431C6 Datasheet HTML 124Page - STMicroelectronics STM32G431C6 Datasheet HTML 125Page - STMicroelectronics STM32G431C6 Datasheet HTML 126Page - STMicroelectronics STM32G431C6 Datasheet HTML 127Page - STMicroelectronics STM32G431C6 Datasheet HTML 128Page - STMicroelectronics STM32G431C6 Datasheet HTML 129Page - STMicroelectronics STM32G431C6 Datasheet HTML 130Page - STMicroelectronics STM32G431C6 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 198 page
background image
DS12589 Rev 6
127/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
Table 64. ADC accuracy - limited test conditions 3(1)(2)(3)
Sym-
bol
Parameter
Conditions(4)
Min
Typ
Max Unit
ET
Total
unadjusted
error
Single ADC operation
ADC clock frequency ≤
60 MHz,
1.62 V ≤ VDDA = VREF+
≤ 3.6 V,
Continuous mode,
sampling rate:
Fast channels@4Msps
Slow channels@2Msps
Single
ended
Fast channel (max speed)
-
5.9
7.9
LSB
Slow channel (max speed)
-
5.5
7.5
Differential
Fast channel (max speed)
-
4.6
7.6
Slow channel (max speed)
-
4
5.5
EO
Offset error
Single
ended
Fast channel (max speed)
-
2.5
5.5
Slow channel (max speed)
-
1.9
5.5
Differential
Fast channel (max speed)
-
1.8
3.5
Slow channel (max speed)
-
1.1
3
EG
Gain error
Single
ended
Fast channel (max speed)
-
4.6
7.1
Slow channel (max speed)
-
4.5
7
Differential
Fast channel (max speed)
-
3.6
4.1
Slow channel (max speed)
-
3.3
4.8
ED
Differential
linearity
error
Single
ended
Fast channel (max speed)
-
1.1
1.9
Slow channel (max speed)
-
1.3
1.9
Differential
Fast channel (max speed)
-
1.3
1.6
Slow channel (max speed)
-
1.4
1.6
EL
Integral
linearity
error
Single
ended
Fast channel (max speed)
-
2.3
4.4
Slow channel (max speed)
-
2.4
4.4
Differential
Fast channel (max speed)
-
2.1
3.7
Slow channel (max speed)
-
2.2
3.7
ENOB
Effective
number of
bits
Single
ended
Fast channel (max speed)
10
10.6
-
bits
Slow channel (max speed)
10
10.6
-
Differential
Fast channel (max speed)
10.6
10.9
-
Slow channel (max speed)
10.6
10.9
-
SINAD
Signal-to-
noise and
distortion
ratio
Single
ended
Fast channel (max speed)
62
65.6
-
dB
Slow channel (max speed)
62
65.6
-
Differential
Fast channel (max speed)
65
67.5
-
Slow channel (max speed)
65
67.5
-
SNR
Signal-to-
noise ratio
Single
ended
Fast channel (max speed)
63
66.9
-
Slow channel (max speed)
63
66.9
-
Differential
Fast channel (max speed)
66
69
-
Slow channel (max speed)
66
69
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com