Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F204AC-63/0.1 Datasheet(PDF) 37 Page - ABB

Part # F204AC-63/0.1
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F204AC-63/0.1 Datasheet(HTML) 37 Page - ABB

Back Button F204AC-63/0.1 Datasheet HTML 33Page - ABB F204AC-63/0.1 Datasheet HTML 34Page - ABB F204AC-63/0.1 Datasheet HTML 35Page - ABB F204AC-63/0.1 Datasheet HTML 36Page - ABB F204AC-63/0.1 Datasheet HTML 37Page - ABB F204AC-63/0.1 Datasheet HTML 38Page - ABB F204AC-63/0.1 Datasheet HTML 39Page - ABB F204AC-63/0.1 Datasheet HTML 40Page - ABB F204AC-63/0.1 Datasheet HTML 41Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 62 page
background image
Residual
Curr
ent
Devices
Low Voltage Products & Systems
16.35
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
Technical data
Functions and classification criteria
RCDs
Power loss of RCDs
RCCBs F200 series
Rated Current in [A]
Power loss [W]
2P
4P
16
1.5
-
25
2.0
4.8
40
4.8
8.4
63
7.2
13.2
Performance in altitude of RCDs
Up to the height of 2000 m, ABB RCDs do not undergo any alterations in their rated performances. Over this
height the properties of the atmosphere change in terms of composition, dielectric capacity, cooling capacity
and pressure, therefore the performances of the RCDs undergo derating, which can basically be measured in
terms of variations in significant parameters, such as the maximum operating voltage and the rated current.
F200
Altitude [m]
2000
3000
4000
Rated service voltage Ue [V]
400
380
380
Rated current in
In
0.96xln
0.93xln



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com