Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F204AC-63/0.1 Datasheet(PDF) 50 Page - ABB

Part # F204AC-63/0.1
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

F204AC-63/0.1 Datasheet(HTML) 50 Page - ABB

Back Button F204AC-63/0.1 Datasheet HTML 46Page - ABB F204AC-63/0.1 Datasheet HTML 47Page - ABB F204AC-63/0.1 Datasheet HTML 48Page - ABB F204AC-63/0.1 Datasheet HTML 49Page - ABB F204AC-63/0.1 Datasheet HTML 50Page - ABB F204AC-63/0.1 Datasheet HTML 51Page - ABB F204AC-63/0.1 Datasheet HTML 52Page - ABB F204AC-63/0.1 Datasheet HTML 53Page - ABB F204AC-63/0.1 Datasheet HTML 54Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 62 page
background image
16.48
Low Voltage Products & Systems
1SXU000023C0202 Rev. A
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
Fuse
holders
&
fuse
disconnectors
16
16
The E 930 fuse disconnector range, for current of 50 A and 125 A, is specifically intended for industrial circuit protection. The E 930
can carry any type of cylindrical fuses 14x51 and 22x58 mm, they are padlockable in open position to ensure operator safety during
maintenance operations. The E 930 also support MCR microswitches, through which you can get a complete remote monitoring of
the device state. The microswitch makes it possible to report: the fuse intervention, the opening of the drawer and the fuse absence
with closed drawer.
Technical data
50 A
125 A
Rated voltage Un
[V]
750 a.c./d.c.
Insulation voltage
[V]
8000
Rated current In
[A]
50
125
Short circuit current Icc
[A]
see fuse link
Rated frequency
[Hz]
50-60
Fuse size
[mm]
14 x 51
22 x 58
Utilization category
AC-20B/DC-20B
Max power dissipation
[W]
5
9.5
Terminals
[mm2]
25
35
Can be sealed closed
■
Can be padlocked open
■
Protection degree
IP20
Markings
UL, CSA
Standards
IEC 60947-3
38 mm
Ø 10.3 mm
31.5 mm
Ø 8.5 mm
51 mm
Ø 15 mm
58 mm
Ø 22 mm
E 930 Fuse disconnectors
E930 fuse disconnectors for 14 x 51 mm fuses (AC-20B)
No. of poles
Modules
Rated Current In A
Catalog number
1
1.5
50
E931/50
1+N
3
50
E931N/50
2
3
50
E932/50
3
4.5
50
E933/50
3+N
6
50
E933N/50
E930 fuse disconnectors for 22 x 58 mm fuses (AC-20B)
No. of poles
Modules
Rated Current In A
Catalog number
1
2
125
E931/125
1+N
4
125
E931N/125
2
4
125
E932/125
3
6
125
E933/125
3+N
8
125
E933N/125
Microswitches for E930 series fuse disconnectors
No. of poles
Modules
Rated Current In A
Catalog number
1
1
50
E930/MCR1P50
3
3
50
E930/MCR3P50
1
1
125
E930/MCR1P125
3
3
125
E930/MCR3P125
E931/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com