| Electronic Components Datasheet Search |
|
F204AC-63/0.1 Datasheet(PDF) 47 Page - ABB |
|
|
|||||||||||||||||||||||||||||
F204AC-63/0.1 Datasheet(HTML) 47 Page - ABB |
|
47 / 62 page ![]() Low Voltage Products & Systems 16.45 ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage 1SXU000023C0202 Rev. A Fuse holders & fuse disconnectors 16 16 Fuse indicator LED E 90 PV Fuse disconnectors E 90 PV series fuse disconnectors (UL approved), designed for operating voltages of 1000 V d.c. with utilization category DC-20B, are particularly suited for protection against overcurrents of photovoltaic systems. The single-pole or two-pole E 90 PV disconnectors for 10.3 x 38 mm cylindrical fuse links offer a reliable, compact and affordable solution for photovoltaic installations. Versions with blown fuse indicator allow to check whether the fuse is still working correctly or not. 1 2 N 1P+N 1 2 3 4 3P+N 5 6 N 1 2 3 4 2P 1 2 N 1P+N 1 2 1P 1 2 3 4 3P+N 5 6 N 1 2 3 4 3P 5 6 N N 1 2 3 4 4P 5 6 7 8 1 2 N 1P+N 1 2 3 4 3P+N 5 6 N 1 2 3 4 2P 1 2 N 1P+N 1 2 1P 1 2 3 4 3P+N 5 6 N 1 2 3 4 3P 5 6 N N 1 2 3 4 4P 5 6 7 8 38 mm Ø 10.3 mm 31.5 mm Ø 8.5 mm 51 mm Ø 15 mm 58 mm Ø 22 mm Technical data Type E 90/32 PV Fuse [mm] 10 x 38 Current type d.c. Rated frequency [Hz] - Rated current [A] 32 Max power dissipation [W] 3 Tightening torque [Nm] PZ2 2-2.5 Terminal cross section [mm2] 25 Protection degree IP20 Can be padlocked (open) ■ Can be sealed (closed) ■ IEC 60947-3 Rated operating voltage [V] 1000 Utilization category DC-20B UL 4248 Mark cULus In direct current systems, since the LED al- lows the current to flow only from positive to negative, the wiring of the blown fuse indicator version should follow the current direction as shown in the diagram. Note: CCC mark is available on custom versions for Chinese mar- ket E90 PV fuse disconnectors for 10.3 x 38 mm fuses (DC-20B) No. of poles Modules Rated Current In A Catalog number 1 1 32 E91/32PV 1 1 32 E91/32PVs 2 2 32 E92/32PV 2 2 32 E92/32PVs s: version with blown fuse indicator light Electrical symbols Wiring of E 90 PV with blown fuse indicator light in direct current |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |