Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8776 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8776
Description  24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8776 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8776 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8776 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
w
WM8776
24-bit, 192kHz Stereo CODEC with 5 Channel I/P Multiplexer
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Production Data, April 2005, Rev 4.0
Copyright
2005 Wolfson Microelectronics plc
DESCRIPTION
The WM8776 is a high performance, stereo audio
CODEC with five channel input selector. The WM8776 is
ideal for surround sound processing applications for
home hi-fi, DVD-RW and other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with a
five stereo channel input mixer. Each ADC channel has
programmable gain control with automatic level control.
Digital audio output word lengths from 16-32 bits and
sampling rates from 32kHz to 96kHz are supported.
A stereo 24-bit multi-bit sigma delta DAC is used with
digital audio input word lengths from 16-32 bits and
sampling rates from 32kHz to 192kHz. The DAC has an
input mixer allowing an external analogue signal to be
mixed with the DAC signal. There are also Headphone
and
line
outputs,
with
volume
controls
for
the
headphones.
The WM8776 supports fully independent sample rates
for the ADC and DAC. The audio data interface supports
I
2S, left justified, right justified and DSP formats.
The device is controlled in software via a 2 or 3 wire
serial interface, selected by the MODE pin, which
provides
access
to all
features
including channel
selection, volume controls, mutes, and de-emphasis
facilities.
The device is available in a 48-pin TQFP package.
FEATURES
•
Audio Performance
−
108dB SNR (‘A’ weighted @ 48kHz) DAC
−
102dB SNR (‘A’ weighted @ 48kHz) ADC
•
DAC Sampling Frequency: 32kHz – 192kHz
•
ADC Sampling Frequency: 32kHz – 96kHz
•
Five stereo ADC inputs with analogue gain adjust from
+24dB to –21dB in 0.5dB steps
•
Programmable Limiter or Automatic Level Control (ALC)
•
Stereo DAC with independent analogue and digital
volume controls
•
Stereo Headphone and Line Output
•
3-Wire SPI Compatible or 2-Wire Software Serial
Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Analogue Bypass Path Feature
•
Selectable AUX input to the volume controls
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
APPLICATIONS
BLOCK DIAGRAM
•
Surround Sound AV Processors and Hi-Fi systems
•
DVD-RW


Similar Part No. - WM8776

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8776 WOLFSON-WM8776 Datasheet
594Kb / 55P
24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
WM8776EFT WOLFSON-WM8776EFT Datasheet
594Kb / 55P
24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
WM8776SEFT WOLFSON-WM8776SEFT Datasheet
594Kb / 55P
24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
More results

Similar Description - WM8776

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8776 WOLFSON-WM8776 Datasheet
594Kb / 55P
24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8774 WOLFSON-WM8774 Datasheet
367Kb / 42P
24 - bit, 192kHz 8 - Channel Input Stereo Codec
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com